Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3092MPSTTR Datasheet(PDF) 14 Page - Linear Technology

Part # LT3092MPSTTR
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092MPSTTR Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3092MPSTTR Datasheet HTML 10Page - Linear Technology LT3092MPSTTR Datasheet HTML 11Page - Linear Technology LT3092MPSTTR Datasheet HTML 12Page - Linear Technology LT3092MPSTTR Datasheet HTML 13Page - Linear Technology LT3092MPSTTR Datasheet HTML 14Page - Linear Technology LT3092MPSTTR Datasheet HTML 15Page - Linear Technology LT3092MPSTTR Datasheet HTML 16Page - Linear Technology LT3092MPSTTR Datasheet HTML 17Page - Linear Technology LT3092MPSTTR Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LT3092
14
3092fb
Demo circuit 1531A’s board layout using multiple inner
VOUT planes and multiple thermal vias achieves 28°C/W
performance for the DFN package.
Table 2. DD Package, 8-Lead DFN
COPPER AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
BOARD AREA
2500mm2
2500mm2
2500mm2
25°C/W
1000mm2
2500mm2
2500mm2
25°C/W
225mm2
2500mm2
2500mm2
28°C/W
100mm2
2500mm2
2500mm2
32°C/W
*Device is mounted on topside
Table 3. TS8 Package, 8-Lead SOT-23
COPPER AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
BOARD AREA
2500mm2
2500mm2
2500mm2
54°C/W
1000mm2
2500mm2
2500mm2
54°C/W
225mm2
2500mm2
2500mm2
57°C/W
100mm2
2500mm2
2500mm2
63°C/W
*Device is mounted on topside
Table 4. ST Package, 3-Lead SOT-223
COPPER AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
BOARD AREA
2500mm2
2500mm2
2500mm2
20°C/W
1000mm2
2500mm2
2500mm2
20°C/W
225mm2
2500mm2
2500mm2
24°C/W
100mm2
2500mm2
2500mm2
29°C/W
*Device is mounted on topside
For further information on thermal resistance and using thermal information,
refer to JEDEC standard JESD51, notably JESD51-12.
Calculating Junction Temperature
Example: Given an industrial factory application with an
input voltage of 15V ±10%, an output voltage of 12V ±5%,
an output current of 200mA and a maximum ambient
temperature of 50°C, what would be the maximum junc-
tion temperature for a DFN package?
The total circuit power equals:
PTOTAL = (VIN – VOUT)(IOUT)
The SET pin current is negligible and can be ignored.
VIN(MAX CONTINUOUS) = 16.5 (15V + 10%)
VOUT(MIN CONTINUOUS) = 11.4V (12V – 5%)
IOUT = 200mA
Power dissipation under these conditions equals:
PTOTAL = (16.5 – 11.4V)(200mA) = 1.02W
Junction temperature equals:
TJ = TA + PTOTAL • θJA
TJ = 50°C + (1.02W • 30°C/W) = 80.6°C
In this example, the junction temperature is below the
maximum rating, ensuring reliable operation.
Protection Features
The LT3092 incorporates several protection features ideal
for battery-powered circuits, among other applications.
In addition to normal circuit protection features such as
current limiting and thermal limiting, the LT3092 protects
itself against reverse-input voltages, reverse-output volt-
ages, and reverse OUT-to-SET pin voltages.
Current limit protection and thermal overload protection
protect the IC against output current overload condi-
tions. For normal operation, do not exceed a junction
temperature of 125°C. The thermal shutdown circuit’s
typical temperature threshold is 165°C and has about
5°C of hysteresis.
The LT3092’s IN pin withstands ±40V voltages with respect
to the SET and OUT pins. Reverse-current flow, if OUT is
greater than IN, is less than 1mA (typically under 100μA),
protecting the LT3092 and sensitive loads.
Clamping diodes and 1k limiting resistors protect the
LT3092’s SET pin relative to the OUT pin voltage. These
protection components typically only carry current under
transient overload conditions. These devices are sized to
handle ±10V differential voltages and ±15mA crosspin
current flow without concern.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com