Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3092MPSTTR Datasheet(PDF) 6 Page - Linear Technology

Part # LT3092MPSTTR
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092MPSTTR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3092MPSTTR Datasheet HTML 2Page - Linear Technology LT3092MPSTTR Datasheet HTML 3Page - Linear Technology LT3092MPSTTR Datasheet HTML 4Page - Linear Technology LT3092MPSTTR Datasheet HTML 5Page - Linear Technology LT3092MPSTTR Datasheet HTML 6Page - Linear Technology LT3092MPSTTR Datasheet HTML 7Page - Linear Technology LT3092MPSTTR Datasheet HTML 8Page - Linear Technology LT3092MPSTTR Datasheet HTML 9Page - Linear Technology LT3092MPSTTR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT3092
6
3092fb
RTEST (Ω)
0
800
700
600
500
400
300
200
100
0
3092 G17
2000
1000
VIN = 36V
VIN = 5V
SET PIN = 0V
VIN
VOUT
RTEST
FREQUENCY (Hz)
0.01
100
10k
100k
100
10
1k
3092 G19
1
0.1
10
TYPICAL PERFORMANCE CHARACTERISTICS
Residual Output for Less Than
Minimum Output Current
Output Impedance
Noise Spectral Density
Turn-On Response
Turn-On Response
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
10
100
1k
100M
10M
10
1
1G
100k
10k
1M
3092 G18
ISOURCE = 100mA
ISOURCE=
10mA
ISOURCE = 1mA
TIME (μs)
8
3092 G15
0
6
10
20
30
2
4
0
0.5
1.0
0
5
15
40
50
25
35
45
1mA CURRENT SOURCE
CONFIGURATION
TIME (μs)
8
3092 G16
0
6
10
20
30
2
4
0
5
10
15
0
5
15
40
50
25
35
45
10mA CURRENT SOURCE
CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com