Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3092MPST Datasheet(PDF) 11 Page - Linear Technology

Part # LT3092MPST
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092MPST Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3092MPST Datasheet HTML 7Page - Linear Technology LT3092MPST Datasheet HTML 8Page - Linear Technology LT3092MPST Datasheet HTML 9Page - Linear Technology LT3092MPST Datasheet HTML 10Page - Linear Technology LT3092MPST Datasheet HTML 11Page - Linear Technology LT3092MPST Datasheet HTML 12Page - Linear Technology LT3092MPST Datasheet HTML 13Page - Linear Technology LT3092MPST Datasheet HTML 14Page - Linear Technology LT3092MPST Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT3092
11
3092fb
APPLICATIONS INFORMATION
capacitor on the lower impedance output, and the same
restrictions do not apply. Capacitors in the range of 0.1μF
to 1μF usually provide sufficient bypassing on the input,
and the value of input capacitance may be increased
without limit.
If an application uses GND referred capacitors on the input
or output (particularly the input), pay attention to the length
of the lines powering and returning ground from the circuit.
In the case where long power supply and return lines are
coupled with low ESR input capacitors, application-specific
voltage spikes, oscillations and reliability concerns may
be seen. This is not an issue with LT3092 stability, but
rather the low ESR capacitor forming a high-Q resonant
tank circuit with the inductance of the input wires. Adding
series resistance with the input of the LT3092, or with the
input capacitor, often solves this. Resistor values of 0.1Ω
to 1Ω are often sufficient to dampen this resonance.
Give extra consideration to the use of ceramic capacitors.
Ceramic capacitors are manufactured with a variety of di-
electrics, each with different behavior across temperature
and applied voltage. The most common dielectrics used
are specified with EIA temperature characteristic codes of
Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are
good for providing high capacitances in a small package,
but they tend to have strong voltage and temperature
coefficients as shown in Figures 5 and 6. When used with
a 5V regulator, a 16V 10μF Y5V capacitor can exhibit an
effective value as low as 1μF to 2μF for the DC bias voltage
applied and over the operating temperature range. The X5R
and X7R dielectrics result in more stable characteristics
and are more suitable for use as the output capacitor.
The X7R type has better stability across temperature,
while the X5R is less expensive and is available in higher
values. Care still must be exercised when using X5R and
X7R capacitors; the X5R and X7R codes only specify
operating temperature range and maximum capacitance
change over temperature. Capacitance change due to DC
bias with X5R and X7R capacitors is better than Y5V and
Z5U capacitors, but can still be significant enough to drop
capacitor values below appropriate levels. Capacitor DC
bias characteristics tend to improve as component case
size increases, but expected capacitance at operating
voltage should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress. In a
ceramic capacitor the stress can be induced by vibrations
in the system or thermal transients.
DC BIAS VOLTAGE (V)
3092 F05
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 5. Ceramic Capacitor DC Bias Characteristics
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3092 F06
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 6. Ceramic Capacitor Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com