Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3092MPST Datasheet(PDF) 4 Page - Linear Technology

Part # LT3092MPST
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092MPST Datasheet(HTML) 4 Page - Linear Technology

  LT3092MPST Datasheet HTML 1Page - Linear Technology LT3092MPST Datasheet HTML 2Page - Linear Technology LT3092MPST Datasheet HTML 3Page - Linear Technology LT3092MPST Datasheet HTML 4Page - Linear Technology LT3092MPST Datasheet HTML 5Page - Linear Technology LT3092MPST Datasheet HTML 6Page - Linear Technology LT3092MPST Datasheet HTML 7Page - Linear Technology LT3092MPST Datasheet HTML 8Page - Linear Technology LT3092MPST Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT3092
4
3092fb
TEMPERATURE (°C)
–50
–2.0
–1.0
0.0
1.0
–25
0
25
50
100
75
125
2.0
–1.5
–0.5
0.5
1.5
150
3092 G03
INPUT-TO-OUTPUT VOLTAGE (V)
0
–1.00
–0.50
0
0.50
5
10
15
20
30
25
35
1.00
–0.75
–0.25
0.25
0.75
40
3092 G05
IOUT = 1mA
TEMPERATURE (°C)
–50
9.900
9.925
9.975
10.000
10.025
10.100
10.075
0
50
75
3092 G01
9.950
10.050
–25
25
100 125 150
SET PIN CURRENT DISTRIBUTION (μA)
10.20
3092 G02
9.90
10
10.10
9.80
N = 1326
VOS DISTRIBUTION (mV)
2
3092 G04
–1
0
1
–2
N = 1326
LOAD CURRENT (mA)
0
–400
–350
–250
–200
–150
100
–50
100
3092 G06
–300
0
50
–100
50
150
200
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Voltage Distribution
Offset Voltage
Offset Voltage
Current Regulation
SET Pin Current
SET Pin Current Distribution
Offset Voltage (VOUT – VSET)
TEMPERATURE ( C)
–50
–80
–70
–50
–40
–30
20
–10
0
50
75
3092 G07
–60
0
10
–20
–25
25
100 125 150
ΔIOUT = 1mA TO 200mA
VIN – VOUT = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com