Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013A Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8013A Datasheet HTML 1Page - Intersil Corporation ISL8013A Datasheet HTML 2Page - Intersil Corporation ISL8013A Datasheet HTML 3Page - Intersil Corporation ISL8013A Datasheet HTML 4Page - Intersil Corporation ISL8013A Datasheet HTML 5Page - Intersil Corporation ISL8013A Datasheet HTML 6Page - Intersil Corporation ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN7526.0
November 25, 2009
Typical Application
FIGURE 1. TYPICAL APPLICATION DIAGRAM
L
1.5µH
LX
PGND
VFB
VIN
EN
PG
SYNCH
INPUT
2.8V TO 5.5V
OUTPUT
1.8V
C1
2 x 22µF
ISL8013A
C2
R2
124k
R3
100k
2 x 22µF
VDD
SGND
C3
47pF
R1
100k
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com