Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8013A
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8013A Datasheet HTML 2Page - Intersil Corporation ISL8013A Datasheet HTML 3Page - Intersil Corporation ISL8013A Datasheet HTML 4Page - Intersil Corporation ISL8013A Datasheet HTML 5Page - Intersil Corporation ISL8013A Datasheet HTML 6Page - Intersil Corporation ISL8013A Datasheet HTML 7Page - Intersil Corporation ISL8013A Datasheet HTML 8Page - Intersil Corporation ISL8013A Datasheet HTML 9Page - Intersil Corporation ISL8013A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN7526.0
November 25, 2009
LX
P-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
-
50
75
mΩ
VIN = 2.8V, IO = 200mA
-
70
100
mΩ
N-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
-
50
75
mΩ
VIN = 2.8V, IO = 200mA
-
70
100
mΩ
LX Maximum Duty Cycle
-
100
-
%
PWM Switching Frequency
fS
0.80
1.00
1.20
MHz
LX Minimum On-Time
SYNCH = High
-
-
140
ns
PG
Output Low Voltage
Sinking 1mA
-
-
0.3
V
Delay Time (Rising Edge)
0.65
1
1.35
ms
PG Pin Leakage Current
PG = VIN = 3.6V
-
0.01
0.1
µA
PGOOD Rising Threshold
Percentage of regulation voltage
89
92
95
%
PGOOD Falling Threshold
Percentage of regulation voltage
85
88
91.5
%
PGOOD Delay Time (Falling Edge)
-
15
-
µs
EN, SYNCH
Logic Input Low
-
-
0.4
V
Logic Input High
1.4
-
-
V
Synch Logic Input Leakage Current
ISYNCH Pulled up to 5.5V
-
0.1
1
µA
Enable Logic Input Leakage Current
IEN
-
0.1
1
µA
Thermal Shutdown
-
140
-
°C
Thermal Shutdown Hysteresis
-
25
-
°C
NOTES:
6. Limits established by characterization and are not production tested.
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
Electrical Specifications Unless otherwise noted, all parameter limits are established over the recommended
operating conditions and the typical specification are measured at the following conditions
unless otherwise noted: TA = -40°C to +85°C, VIN = 3.6V, EN = VDD. Typical values are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to
+85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7) TYP
MAX
(Note 7)
UNITS
ISL8013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com