Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3180-RAN+ Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
28
______________________________________________________________________________________
RAM-Based Registers
The RAM-based registers contain both operating parameters and measurement results. They are divided into a num-
ber of categories that are described in the following sections.
General Operating Registers
Global Status Register (STATUS) (0x000)
This register contains bits that reflect the global status of the device.
Bit:
7
6
5
4
3
2
1
0
Name:
CROFF
PORF
WDTR
PHSEQ
REVCFQ
REVCFP
Reset:
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7, 3
Reserved.
6
CROFF
When set, the high-frequency crystal has failed and the MAXQ3180 is operating from its internal ring
oscillator. Under these circumstances, energy accumulation is not accurate and the SPI bus does not
operate at full speed.
5
PORF
When set, the last reset was due to power-on-reset. Host should clear this bit to allow the next POR
detection.
4
WDTR
When set, the last reset was caused by expired watchdog. The bit should be cleared (set to 0) by the
host to allow the next watchdog reset detection.
2
PHSEQ
0 = The sequence of voltages presented to the voltage inputs is (-A-B-C-).
1 = The sequence of voltages presented to the voltage inputs is reversed (-A-C-B-).
This bit is meaningful only for connection systems that include all three voltages.
1
REVCFQ
0 = The quantity being output on the CFQ pin is positive (direct).
1 = The quantity being output on the CFQ pin is negative (reverse).
0
REVCFP
0 = The quantity being output on the CFP pin is positive (direct).
1 = The quantity being output on the CFP pin is negative (reverse).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com