Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3180-RAN+ Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 55Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 56Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 57Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 58Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 59Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 60Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 61Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 62Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
59
AVERAGE
AVG_C
EAPPARENT
E_GAIN
APPSEL
X2 + Y2
E_RAWREAL
E_RAWREACTIVE
X2 - Y2
X
× Y
RAW_I
RAW_V
AVERAGE
AVG_C
EREACTIVE
E_GAIN
APPSEL
Figure 12. Apparent and Reactive Energy Calculations
negative (for a capacitive load). These values are sepa-
rately accumulated. This means that during any one
DSP cycle, only positive or negative reactive energy will
be accumulated.
Similarly, for real energy, the result accumulated during
any DSP cycle can be positive (that is, energy is deliv-
ered to the load) or negative (that is, energy is driven
back into the line). As is performed for reactive energy,
these values are separately accumulated.
Apparent energy is also accumulated, but since this
value is always positive or zero, there is only one
apparent energy accumulator.
From time to time, the accumulators generate an over-
flow. When this occurs, the appropriate bit is set in the
overflow status register X.EOVER.
When an overflow occurs, supervisory code running on
the host processor must make the appropriate adjust-
ments in the reported energy. In many cases, this could
simply involve incrementing an overflow counter. The
host processor must then clear the overflow indication.
No-Zero-Crossing Detection
The MAXQ3180 monitors the voltage signal on each
phase for zero-crossing events. If no ascending zero
crossings are detected within a specified number
(NZX_TIMO) of analog scan sample periods, the
NOZXF (X.FLAGS) flag is set by the MAXQ3180 to noti-
fy the master of this condition. If the NOZXM bit is set,
this flag sets the NOZX bit in the IRQ_FLAG. If the inter-
rupt enable bit ENOZX is set to 1, the interrupt signal
IRQ is driven low by the MAXQ3180 whenever NOZX =
1. The master can clear NOZXF and NOZX back to 0 to
remove the interrupt condition.
Phase Sequence Status
A phase sequence status bit PHSEQ indicates the
order in which zero crossings are detected. When a
zero-crossing event occurs on the phase A voltage sig-
nal, followed by phase B, phase C, and then phase A
again, this bit cleared. If a zero crossing on phase A is
then followed by a zero crossing on phase C, then
phase B, this bit set to 1.
RMS Voltage, RMS Current, and Energy
Calculation
For each of the three phases, the MAXQ3180 calcu-
lates RMS voltage and RMS current values, as well as
determines active and reactive energy, using a line-
cycle-based integration process.
Power Calculation (Active, Reactive,
Apparent)
The power, energy, and RMS calculation process con-
sists of two tasks: continuous accumulation and post-
processing triggered every CYCNT line cycles. The
accumulation task accumulates raw data obtained from
the AFE during CYCNT line cycles. This task is per-
formed continuously in the background by the
MAXQ3180. When a CYCNT line cycles accumulation
stage has completed, which is determined by a dedi-
cated frame counter exceeding the NS level, the raw
integral accumulator values are saved for postprocess-
ing and cleared, beginning the next cycle of accumula-
tion task. Then, the DSP postprocessing is triggered to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com