Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN-C Datasheet(PDF) 1 Page - Emerson Network Power

Part # ADN-C
Description  Slim form factor 120 - 480 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ADN-C Datasheet(HTML) 1 Page - Emerson Network Power

  ADN-C Datasheet HTML 1Page - Emerson Network Power ADN-C Datasheet HTML 2Page - Emerson Network Power ADN-C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 11.3.09_85
ADN-C Series
1 of 3
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
ADN-C Series
120 - 480 Watts
• Slim form factor
• Five year warranty
• High Efficiency > 90% Typ.
• Full Power at 60 °C
• Power Boost ™
• Industrial Grade Design
• Patented metal mounting clip
• Metal case
• MTBF > 450,000h demonstrated
at 40 °C
• Active PFC > 0.92
• Adjustable output
• Overvoltage protection with
autorecovery
• Continuous short circuit and
overload protection
• SEMI F47 Sag Immunity
• New visual diagnostic LED
• 3 Status LEDs
• Input
• Output
• Alarm
• DC OK Relay
• Parallel Operation Capability
• Screw terminal connections
• RoHS Compliant
• No tools required for mounting
Total Power:
120-480 Watts
Input Voltage:
85-264 Vac,
90-375 Vdc
# of Outputs:
Single
Electrical Specifications
Safety
Input
AC Input range:
Nominal: 115 - 230 Vac
85 - 264 Vac
DC Input range:
90-375 Vdc
Frequency:
47-67 Hz, 400 Hz
Efficiency:
> 90%
Inrush current:
ADN5-24-1PM-C:
< 15 A
ADN10-24-1PM-C:
< 30 A
ADN20-24-1PM-C:
< 40 A
PFC:
Active, better than 0.92
Output
Nominal voltage:
ADN5-24-1PM-C & ADN10-24-1PM-C: 24 Vdc (22.5 - 28.5 Vdc Adj)
ADN20-24-1PM-C:
24 Vdc (24-28 Vdc Adj)
Initial Voltage Setting:
24.5 V ± 1%
Hold-up time:
> 20 ms at full load (100 Vac Input @ Tamb = +25 °C)
Voltage regulation:
< ± 2% (combination line, load, time and temperature related
changes)
Ripple:
ADN5-24-1PM-C & ADN10-24-1PM-C:
< 50 mVpp
ADN20-24-1PM-C:
< 100 mVpp
Back EMF immunity:
< 35 Vdc
Power Boost™:
1.5 x Nominal current for 4 seconds.
Short circuit current:
1.5 x Nominal current at near zero volts at short circuit condition
Parallel operation:
Switch selectable single unit or parallel unit operation. Units will not
be damaged by parallel operation (regardless of switch position
setting)
Ouput Noise suppression:
Radiated EMI values below EN61000-6-2
Overvoltage protection:
> 30.5 Vdc but < 33 Vdc, auto recovery
Line and Load regulation:
< 0.5%
Time and Temperature Drift: < 1%
• UL508, cULus Listed
• UL 60950-1, cURus
• IEC60950-1
• Class I, Div 2 Hazardous Locations
• IP20
• CE
Special Features
New
Slim
Form
Fact
or


Similar Part No. - ADN-C

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ADN-100-10-A-P-A FESTO-ADN-100-10-A-P-A Datasheet
86Kb / 1P
Compact air cylinder
ADN-100-10-I-P-A FESTO-ADN-100-10-I-P-A Datasheet
86Kb / 1P
Compact air cylinder
ADN-100-15-A-P-A FESTO-ADN-100-15-A-P-A Datasheet
87Kb / 1P
Compact air cylinder
ADN-100-15-A-PPS-A FESTO-ADN-100-15-A-PPS-A Datasheet
88Kb / 1P
Compact air cylinder
ADN-100-15-I-P-A FESTO-ADN-100-15-I-P-A Datasheet
87Kb / 1P
Compact air cylinder
More results

Similar Description - ADN-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ADN2.5-24-1PM ASTEC-ADN2.5-24-1PM Datasheet
105Kb / 2P
60-480 Watts
logo
Emerson Network Power
LPS120 EMERSON-NETWORKPOWER-LPS120_09 Datasheet
422Kb / 3P
120 Watts Active power factor correction
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
Compact form factor
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
Standard form factor
28-Nov-2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com