Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN-C Datasheet(PDF) 2 Page - Emerson Network Power

Part # ADN-C
Description  Slim form factor 120 - 480 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ADN-C Datasheet(HTML) 2 Page - Emerson Network Power

  ADN-C Datasheet HTML 1Page - Emerson Network Power ADN-C Datasheet HTML 2Page - Emerson Network Power ADN-C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 11.3.09_85
ADN-C Series
2 of 3
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Other Features
External fusing:
Not required. Unit provides internal fuse (not accessible)
Mounting orientation:
Standard: Vertical, Optional: Horizontal or on Top
Simple snap-on to DIN TS35/7.5 or TS35/15 rail system
Ventilation:
Normal convection, No fan required
Cooling Spacing
ADN5-24-1PM-C & ADN10-24-1PMC:
ADN20-24-1PMC:
15 mm in front, 25 mm above and below, 10 mm left and right
15 mm in front, 40 mm above and below, 10 mm left and right
Connections:
Input: Screw terminals, connector size range: 16-10 AWG (1.5-6 mm2) for solid conductors
Output: Two terminals per output, connector size range: 16-10 AWG (1.5-6 mm2) for solid conductors
General Specifications
EMC Emissions:
EN61000-6-2:2001, EN61000-6-3:2001, Class B EN55011, EN55022 Radiated and Conducted including Annex.
A, EN61000-3-2
EMC Immunity:
EN61000-6-1:2001, EN61000-6-2:2001, EN61000-4-2 Level 4, EN61000-4-3 Level 3, EN61000-4-6 Level 3,
EN61000-4-4 Level 4 input and level 3 output. EN61000-4-5 Isolation class 4, EN61000-4-11, IEC 61000-4-34
voltage dip immunity standard
Warranty:
5 Years
General protection safety:
Protected against continuous short-circuit, continuous overload, continous open circuit. Protection Class 1
(IEC536), degree of protection IP20 (IEC60529) Safe low voltage: SELV (acc. IEC60950-1)
Status Indicators:
Visual: 3 status LEDs (Input, Output, Alarm)
Relay: N.O. contact rated 200 mA/50 Vdc
Storage/shipment:
-25 °C to + 85 °C
Operation (convection):
ADN5-24-1PM-C & ADN10-24-1PM-C:
ADN20-24-1PM-C:
Full Load -10 °C to + 60 °C derate to 50% load at +70 °C
Full Load -25 °C to + 60 °C derate to 50% load at +70 °C
Up to 50% load permissable with horizontal or on top mounting orientation
Environmental Specifications
LED Diagnostics
LED
OK
Loss of Ac
Low Ac
No Dc
High Load
Overload
Hot
Too Hot
• Input
Green
---
Yellow
Green
Green
Green
Green
Green
• Output
Green
---
Green
---
Yellow
Yellow
Green
---
• Alarm
---
---
---
Red
Yellow
Red
Yellow
Yellow



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com