Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDT-5V0U Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDT-5V0U
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDT-5V0U Datasheet(HTML) 1 Page - Comchip Technology

  CPDT-5V0U Datasheet HTML 1Page - Comchip Technology CPDT-5V0U Datasheet HTML 2Page - Comchip Technology CPDT-5V0U Datasheet HTML 3Page - Comchip Technology CPDT-5V0U Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD ESD Protection Diode
Page 1
QW-BP001
REV:D
SMD Diodes Specialist
Maximum Rating and Electrical Characteristics
(at TA=25°C unless otherwise noted)
Comchip Technology CO., LTD.
Typ
Parameter
Min
Max Unit
Junction capacitance
Diode breakdown voltage
V
ESD capability
Clamping voltage
80
pF
V
kV
6.1
7.1
8
Peak pulse power
W
80
Leakage current
uA
1.0
60
8
Operation temperature
125
°C
Forward voltage
V
1.2
0.1
Conditions
IR = 1mA
VR = 0V,f = 1MHz
IPP = 1A,TP=8/20us
C = 150PF, R = 300ohm,
forward and reverse 10 pulses
VR = 3V
IF = 5uA
IPP = 8A,TP=8/20us
10
Symbol
VBD
CT
VC
ESD
PPP
IL
TJ
VF
Storage temperature
TSTG
°C
150
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.002(0.05)
0.100(2.55)
0.089(2.25)
0.004(0.10) max
0.008(0.20) min
-55
-IEC61000-4-2 8kV(Contact), 15kV(air).
-Surface mount package.
-High component density.
Mechanical data
-Case: SOT-23 Standard package, molded
plastic.
-Terminals: Gold plated, solderable per MIL-
STD-750D, method 2026.
-Marking code: E5U
RoHS Device
Features
CPDT-5V0U
-Mounting position: Any.
-Weight: 0.0078 gram (approx.).


Similar Part No. - CPDT-5V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U COMCHIP-CPDT-5V0U Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDT-5V0UA-HF COMCHIP-CPDT-5V0UA-HF Datasheet
140Kb / 3P
Dual ESD Protection Diode
CPDT-5V0UB-HF COMCHIP-CPDT-5V0UB-HF Datasheet
495Kb / 4P
SMD ESD Protection Diode
REV:A
CPDT-5V0UHP-HF COMCHIP-CPDT-5V0UHP-HF Datasheet
133Kb / 5P
Low Capacitance SMD ESD Protection Diode
REV:A
More results

Similar Description - CPDT-5V0U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com