Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDT-5V0U Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDT-5V0U
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDT-5V0U Datasheet(HTML) 2 Page - Comchip Technology

  CPDT-5V0U Datasheet HTML 1Page - Comchip Technology CPDT-5V0U Datasheet HTML 2Page - Comchip Technology CPDT-5V0U Datasheet HTML 3Page - Comchip Technology CPDT-5V0U Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 1 - 8/20us Peak pulse current wave
form acc. IEC 61000-4-5
Time (us)
0%
20%
40%
60%
80%
100%
0
10
20
30
40
8 us to 100%
20 us to 50us
Ambient temperature (°C)
Mounting on glass epoxy PCBs
RATING AND CHARACTERISTIC CURVES (CPDT-5V0U)
0
20
40
60
80
100
120
Fig. 3 - Clamping volatage vs.
peak pulse current
Peak pulse current,IPP (A)
8
2
0
8
10
12
4
6
6
4
2
0
8/20us waveform
25
50
75
100
150
0
125
f=1MHz
TA=25°C
0
20
40
60
80
0
1
2
3
5
4
100
Reverse voltage (V)
Fig. 4 - Capacitance between
terminals characteristics
Fig. 2 - Power rating derating curve
SMD ESD Protection Diode
SMD Diodes Specialist
Page 2
QW-BP001
REV:D
Comchip Technology CO., LTD.
14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com