Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRS045V0-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CSRS045V0-G
Description  ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS045V0-G Datasheet(HTML) 4 Page - Comchip Technology

  CSRS045V0-G Datasheet HTML 1Page - Comchip Technology CSRS045V0-G Datasheet HTML 2Page - Comchip Technology CSRS045V0-G Datasheet HTML 3Page - Comchip Technology CSRS045V0-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
Comchip Technology CO., LTD.
Suggested PAD Layout
Standard Package
Case Type
Qty per Reel
(Pcs)
3000
SOT-23-6
Reel Size
(inch)
7
SOT-143
SOIC-8
3000
2500
7
13
SIZE
(inch)
(mm)
SOT-23-6
E
A
B
C
D
(inch)
0.028
(mm)
0.70
1.40
2.41
0.055
0.095
SOT-143
0.80
0.031
3.60
0.142
(inch)
0.094
(mm)
2.40
0.70
1.27
0.028
0.050
SOIC-8
2.50
0.098
7.30
0.287
E
B
A
D
C
REV:B
0.043
1.10
0.60
0.95
0.024
0.037
2.50
0.098
3.60
0.142
ESD Protection Array
QW-BP013
B
D
A
E
C
(min)
A
D
C
B
E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com