Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRS045V0-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CSRS045V0-G
Description  ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS045V0-G Datasheet(HTML) 1 Page - Comchip Technology

  CSRS045V0-G Datasheet HTML 1Page - Comchip Technology CSRS045V0-G Datasheet HTML 2Page - Comchip Technology CSRS045V0-G Datasheet HTML 3Page - Comchip Technology CSRS045V0-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CSRS065V0-G/CSRS045V0-G/CSRS085V0-G
Features
-Fast Reverse Recovery Time.
-Fast Turn on Time.
-Low Capacitance SMD Packages.
-16kV IEC61000-4-2 capable.
Mechanical Data
-Case: SOT-23-6 for CSRS065V0-G,
SOT-143 for CSRS045V0-G,
SOIC-8 for CSRS085V0-G.
Circuit Diagram
CSRS065V0-G
CSRS045V0-G CSRS085V0-G
Marking
Page 1
QW-BP013
ESD Protection Array
Working Voltage: 5Volts
RoHS Device
Maximum Rating (at TA=25°C unless otherwise noted)
REV:B
Parameter
Symbol
Value
Unit
SOT-23-6
Dimensions in millimeters
Comchip Technology CO., LTD.
SO
T-
23
-6
SO
T-1
43
SOT-143
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Symbol
Max.
Unit
Conditions
Min.
+ Rail
GND
Driver
Receiver
Transient
Transient
suppressed
SO
IC-
8
SOIC-8
4.85
4.81
6.01
5.97
3.83
3.79
1.28
1.26
0.42
0.40
Forward voltage
Reverse stand-off voltage
Diode breakdown voltage
Reverse leakage current
Junction capacitance
ESD capability
Peak pulse power
IF=50mA
IR=1μA
VRWM=5V
f=1MHz, VR=0V, Line to ground
f=1MHz, VR=0V, Line to Line
IEC 61000-4-2
TP=8/20μS
VF
VRWM
VBD
IR
CT
ESD
PPP
6
V
V
V
μ
A
pF
kV
W
1.2
5
5
5
16
300
Operating temperature
TJ
-55 to +150
°C
Applications
5V4
Pin1
Pin1
SRV
0.119(3.00)
0.056(1.40)
0.110(2.80)
0.047(1.20)
0.066(1.70)
0.083(2.10)
0.119(3.02)
0.111(2.82)
0.067(1.70)
0.059(1.50)
0.079(2.00)
0.071(1.80)


Similar Part No. - CSRS045V0-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P COMCHIP-CSRS045V0P Datasheet
267Kb / 5P
Low Capacitance ESD Protection Array
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
More results

Similar Description - CSRS045V0-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
ESD Protection Diode Array
02-Mar-05
logo
NXP Semiconductors
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
ESD protection array
2003 Apr 28
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
ESD protection array
2003 Apr 28
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
Integrated ESD Protection array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
ESD Protection Array
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
ESD Protection Diode Array
ESDT23A5V02V JINGHENG-ESDT23A5V02V Datasheet
489Kb / 4P
ESD Protection Diode Array
ESDT23A24V02V JINGHENG-ESDT23A24V02V Datasheet
513Kb / 4P
ESD Protection Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com