Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDQR3-5V0UP Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDQR3-5V0UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQR3-5V0UP Datasheet(HTML) 4 Page - Comchip Technology

  CPDQR3-5V0UP Datasheet HTML 1Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 2Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 3Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
QW-BP020
REV:B
SMD ESD Protection Diode
SMD Diodes Specialist
Comchip Technology CO., LTD.
Suggested PAD Layout
SIZE
(inch)
0.033
(mm)
0.850
0.550
0.600
0.022
0.024
0402-3P
1.400
0.055
E
0.300
0.012
Standard Package
Case Type
Qty per Reel
(Pcs)
3000
0402-3P
Reel Size
(inch)
7
A
B
C
D
A
E
D
C
B
5P
Part Number
CPDQR3-5V0UP
Marking Code
5P
Marking Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com