Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDQR3-5V0UP Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDQR3-5V0UP
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQR3-5V0UP Datasheet(HTML) 3 Page - Comchip Technology

  CPDQR3-5V0UP Datasheet HTML 1Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 2Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 3Page - Comchip Technology CPDQR3-5V0UP Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
QW-BP020
REV:B
SMD ESD Protection Diode
SMD Diodes Specialist
Comchip Technology CO., LTD.
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
B
C
d
D
D2
D1
E
F
P
P0
P1
T
QR/0402
SYMBOL
A
W
W1
(mm)
(inch)
0.027 0.004
±
0.047 0.004
±
0.026 0.004
±
0.059 0.004
±
7.008 0.04
±
2.362 MIN.
0.512 0.008
±
QR/0402
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.002
±
0.01 0.001
±
0.315 0.012
±
0.531 MAX.
0.69 0.10
±
1.19 0.10
±
4.00 0.10
±
1.50 0.10
±
3.50 0.05
±
1.75 0.10
±
60.0 MIN.
13.0 0.20
±
0.66 0.10
±
4.00 0.10
±
2.00 0.05
±
0.254 0.02
±
8.00 0.30
±
13.5 MAX.
178 1
±



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com