Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2213 Datasheet(PDF) 16 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 16 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
16
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 20. ESR vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=4.7µF
No Bypass Capacitor
Stable Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com