Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2213 Datasheet(PDF) 19 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 19 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 22Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
19
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
Unit: mm(inch)
TO-252-2(1)
4.500(0.177)
4.700(0.165)
3°
4°
4.300(0.169)
5.400(0.212)
0.000(0.000)
0.127(0.005)
0.430(0.017)
0.580(0.023)
2.300TYP
0.700(0.028)
0.900(0.035)
0.500(0.020)
0.700(0.028)
5.200(0.205)
5.400(0.213)
6.350(0.250)
6.650(0.262)
2.200(0.087)
2.400(0.094)
5°
5°
8°
0.430(0.017)
0.580(0.023)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com