Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5030 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5030
Description  100V Push-Pull Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5030 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM5030 Datasheet HTML 3Page - National Semiconductor (TI) LM5030 Datasheet HTML 4Page - National Semiconductor (TI) LM5030 Datasheet HTML 5Page - National Semiconductor (TI) LM5030 Datasheet HTML 6Page - National Semiconductor (TI) LM5030 Datasheet HTML 7Page - National Semiconductor (TI) LM5030 Datasheet HTML 8Page - National Semiconductor (TI) LM5030 Datasheet HTML 9Page - National Semiconductor (TI) LM5030 Datasheet HTML 10Page - National Semiconductor (TI) LM5030 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics Unless otherwise specified: T
J = 25˚C. (Continued)
Feedback Amplifier Gainphase
20058115
Detailed Operating Description
The LM5030 High Voltage PWM controller contains all of the
features needed to implement Push-Pull and Bridge topolo-
gies, using current-mode control in a small 10 pin package.
Features included are, startup regulator, dual mode current
limit, dual alternating gate drivers, thermal shutdown, soft-
start and slope compensation. This high speed IC has total
propagation delays <100nS. The Functional Block Diagram
of the LM5030 is shown in Figure 1.
The LM5030 is designed for Current-Mode Control convert-
ers which require alternating outputs, such as Push-Pull and
Half/Full Bridge topologies. The features included in the
LM5030 enable all of the advantages of Current-Mode Con-
trol, line feed-forward, cycle by cycle current limit and sim-
plified loop compensation. The oscillator ramp is internally
buffered and added to the PWM comparator input to provide
slope compensation necessary for current mode control at
higher duty cycles.
High Voltage Start-Up Regulator
The LM5030 contains an internal high voltage startup regu-
lator. The input pin (Vin) can be connected directly to line
voltages as high as 100V. The regulator output is internally
current limited to 10mA. Upon power up, the regulator is
enabled and sources current into an external capacitor con-
nected to the V
CC pin. The recommended capacitance range
for the V
CC regulator is 0.1µF to 50µF. When the voltage on
the V
CC pin reaches the regulation point of 7.7V, the control-
ler outputs are enabled. The outputs will remain enabled
unless, V
CC falls below 6.1V or if the SS/SHUTDOWN pin is
pulled to ground or an over temperature condition occurs. In
typical applications, an auxiliary transformer winding is diode
connected to the V
CC pin. This winding raises the VCC
voltage greater than 8V, effectively shutting off the internal
startup regulator and saving power while reducing the con-
troller dissipation. The external V
CC capacitor must be sized
such that the self-bias will maintain a V
CC voltage greater
than 6.1V during the initial start-up. During a fault mode
when the converter self bias winding is inactive, external
current draw on the V
CC line should be limited as to not
exceed the maximum power dissipation of the controller. An
external start-up or other bias rail can be used instead of the
internal start-up regulator by connecting the V
CC and the Vin
pins and feeding the external bias voltage (8 - 15V) to that
node.
Error Amplifier
An internal high gain error amplifier is provided within the
LM5030. The amplifier’s non-inverting reference is tied to
1.25V. In non-isolated applications the power converter out-
put is connected to the VFB pin via the voltage setting
resistors and loop compensation is connected between the
COMP and VFB pins.
For most isolated applications the error amplifier function is
implemented on the secondary side ground. Since the inter-
nal error amplifier is configured as an open drain output it
can be disabled by connecting VFB to ground. The internal
5K pull-up resistor, connected between the 5V reference and
COMP, can be used as the pull-up for an optocoupler or
other isolation device.
PWM Comparator
The PWM comparator compares the compensated current
ramp signal to the loop error voltage from the internal error
amplifier (COMP pin). This comparator is optimized for
speed in order to achieve minimum discernable duty cycles.
The comparator polarity is such that zero Volts on the COMP
pin will cause a zero duty cycle.
Current Limit/ Current Sense
The LM5030 contains two levels of over-current protection. If
the voltage on the current sense comparator exceeds 0.5
Volts the present cycle is terminated (cycle by cycle current
limit). If the voltage on the current sense comparator ex-
ceeds 0.625 Volts, the controller will terminate the present
cycle and discharge the softstart capacitor. A small RC filter,
located near the controller, is recommended for the CS pin.
An internal MOSFET discharges the current sense filter
capacitor at the conclusion of every cycle, to improve dy-
namic performance.
The LM5030 CS and PWM comparators are very fast, and
as such will respond to short duration noise pulses. Layout
considerations are critical for the current sense filter and
sense resistor. The capacitor associated with the CS filter
must be placed very close to the device and connected
directly to the pins of the IC (CS and RTN). Also if a current
sense transformer is used, both leads of the transformer
secondary should be routed to the sense resistor, which
should also be located close to the IC. If a current sense
resistor located in the drive transistor sources is used, for
current sense, a low inductance resistor should be chosen.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com