Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5030 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5030
Description  100V Push-Pull Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5030 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5030 Datasheet HTML 1Page - National Semiconductor (TI) LM5030 Datasheet HTML 2Page - National Semiconductor (TI) LM5030 Datasheet HTML 3Page - National Semiconductor (TI) LM5030 Datasheet HTML 4Page - National Semiconductor (TI) LM5030 Datasheet HTML 5Page - National Semiconductor (TI) LM5030 Datasheet HTML 6Page - National Semiconductor (TI) LM5030 Datasheet HTML 7Page - National Semiconductor (TI) LM5030 Datasheet HTML 8Page - National Semiconductor (TI) LM5030 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM5030
100V Push-Pull Current Mode PWM Controller
General Description
The LM5030 High Voltage PWM controller contains all of the
features needed to implement Push-Pull and Bridge topolo-
gies, using current-mode control in a small 10 pin package.
This device provides two alternating gate driver outputs. The
LM5030 includes a high-voltage start-up regulator that oper-
ates over a wide input range of 14V to 100V. Additional
features include: error amplifier, precision reference, dual
mode current limit, slope compensation, softstart, sync ca-
pability and thermal shutdown. This high speed IC has total
propagation delays less than 100ns and a 1MHz capable
single resistor adjustable oscillator.
Package: MSOP-10 and thermally enhanced LLP-10 (4mm
x 4mm).
Features
n
Internal High Voltage Start-up Regulator
n
Single Resistor Oscillator Setting
n
Synchronizable
n
Error Amplifier
n
Precision Reference
n
Adjustable Softstart
n
Dual Mode Over-Current Protection
n
Slope Compensation
n
Direct Optocoupler Interface
n
1.5A Peak Gate Drivers
n
Thermal Shutdown
Applications
n
Telecommunication Power Converters
n
Industrial Power Converters
n
+42V Automotive Systems
Connection Diagram
Top View
20058112
10-Lead MSOP, LLP
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplies As
LM5030MM
MSOP-10
MUB10A
1000 Units on Tape and Reel
LM5030MMX
MSOP-10
MUB10A
3500 Units on Tape and Reel
LM5030SD
LLP-10
SDC10A
1000 Units on Tape and Reel
LM5030SDX
LLP-10
SDC10A
4500 Units on Tape and Reel
March 2005
© 2005 National Semiconductor Corporation
DS200581
www.national.com


Similar Part No. - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
LM5030 TI1-LM5030 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
LM5030 TI2-LM5030 Datasheet
974Kb / 32P
LM5030 100-V Push-Pull Current Mode PWM Controller
REVISED NOVEMBER 2015
logo
National Semiconductor ...
LM5030MM NSC-LM5030MM Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
More results

Similar Description - LM5030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
100V Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
100V Push-Pull Voltage Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_14 Datasheet
1,016Kb / 19P
100V Push-Pull Current Mode PWM Controller
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
LM5030 TI-LM5030_15 Datasheet
966Kb / 28P
LM5030 100-V Push-Pull Current Mode PWM Controller
LM5033 TI-LM5033_15 Datasheet
1Mb / 24P
100V Push-Pull Voltage Mode PWM Controller
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com