Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2DDR2811 Datasheet(PDF) 1 Page - Texas Instruments

Part # TS2DDR2811
Description  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS2DDR2811 Datasheet(HTML) 1 Page - Texas Instruments

  TS2DDR2811 Datasheet HTML 1Page - Texas Instruments TS2DDR2811 Datasheet HTML 2Page - Texas Instruments TS2DDR2811 Datasheet HTML 3Page - Texas Instruments TS2DDR2811 Datasheet HTML 4Page - Texas Instruments TS2DDR2811 Datasheet HTML 5Page - Texas Instruments TS2DDR2811 Datasheet HTML 6Page - Texas Instruments TS2DDR2811 Datasheet HTML 7Page - Texas Instruments TS2DDR2811 Datasheet HTML 8Page - Texas Instruments TS2DDR2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
A
1
2
3
4
5
B
C
D
TS2DDR2811
www.ti.com
SCDS294 – DECEMBER 2009
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
Check for Samples: TS2DDR2811
1
FEATURES
ZXY PACKAGE
•
Wide Bandwidth (BW = 1100 MHz Typ)
(BOTTOM VIEW)
•
Low Crosstalk (XTALK = –37 dB Typ)
•
Low Bit-to-Bit Skew (tsk(o) = 100 ps Max)
•
Low and Flat ON-State Resistance
(rON = 4 Ω Typ, rON(flat) = 0.5 Ω Typ)
•
Low Input/Output Capacitance
(CON = 8 pF Typ)
•
Rail-to-Rail Switching on Data I/O Ports
(0 V to 5 V)
•
VCC Operating Range From 3 V to 3.6 V
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
TERMINAL ASSIGNMENTS
•
ESD Performance Tested Per JESD 22
D
B6
B5
B3
SEL
B0
–
2000-V Human-Body Model
C
B 7
B4
B2
B1
N.C.
(A114-B, Class II)
B
GND
A5
A3
A1
VCC
–
1000-V Charged-Device Model (C101)
A
A7
A6
A4
A2
A0
1
2
3
4
5
APPLICATIONS
•
DDR2 Signal Switching
•
GbE LAN Signal Switching
•
Hub and Router Signal Switching
•
Audio/Video Switching
DESCRIPTION/ORDERING INFORMATION
The TS2DDR2811 is a 8-channel single-pole single-throw (SPST) signal switch capable of switching signals with
bandwidth in excess of 1 GHz. The device includes a select pin (SEL) that is used to select any 1 of the 8
channel inputs. This select pin controls the data path of the SPST switch. The device provides a low and flat
ON-state resistance (rON) and an excellent ON-state resistance match. Low input/output capacitance, high
bandwidth, low skew, and low crosstalk among channels make this device suitable for various high-bandwidth
applications, such as DDR2, 10/100/1000 Base-T, audio, and video.
Table 1. ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
BGA – ZXY
Tape and reel
TS2DDR2811ZXYR
SJ811
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS2DDR2811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2DDR2811 TI1-TS2DDR2811 Datasheet
220Kb / 14P
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
TS2DDR2811ZXYR TI1-TS2DDR2811ZXYR Datasheet
220Kb / 14P
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
TS2DDR2811 TI1-TS2DDR2811_14 Datasheet
220Kb / 14P
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
More results

Similar Description - TS2DDR2811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
DC - 8 GHZ GAAS MMIC SPST SWITCH
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS2DDR2811 TI1-TS2DDR2811_14 Datasheet
220Kb / 14P
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com