Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLI7510 Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLI7510
Description  Worldwide H.264/MPEG decoder Faroudja video processing iDTV SoC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI7510 Datasheet(HTML) 2 Page - STMicroelectronics

  FLI7510 Datasheet HTML 1Page - STMicroelectronics FLI7510 Datasheet HTML 2Page - STMicroelectronics FLI7510 Datasheet HTML 3Page - STMicroelectronics FLI7510 Datasheet HTML 4Page - STMicroelectronics FLI7510 Datasheet HTML 5Page - STMicroelectronics FLI7510 Datasheet HTML 6Page - STMicroelectronics FLI7510 Datasheet HTML 7Page - STMicroelectronics FLI7510 Datasheet HTML 8Page - STMicroelectronics FLI7510 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Description
FLI7510
2/9
Doc ID 16234 Rev 1
1
Description
The FLI7510 is a revolutionary new iDTV SoC that integrates two highly successful, market-
proven subsystems: STi710x digital/front-end processing and multi-format audio/video
decoding from the STB market, and Faroudja video/back-end processing from the TV
market. The FLI7510 is a high-performance, state-of-the-art SoC that can power
DTT/cable/satellite/IPTV iDTV designs for worldwide deployment. From the software
compatibility extending from the mature STi710x STAPI layer to the extensive video
processing, tuning, and tools from Faroudja Labs, the FLI7510 is the ideal solution for
addressing the next generation of iDTV design requirements.
The FLI7510 is the first in a family of scalable in performance and software compatible SoCs
that address mainstream and performance segments of the iDTV market.
The FLI7510 implements the latest generation of Faroudja Video Optimized technologies,
which allow a high degree of customization for TV OEMs. Key technology improvements in
this area include 14-bit color and contrast processing, upgraded sharpness, upgraded
temporal noise reduction, and new MPEG noise reduction.
The FLI7510, with high performance CPU, A/V decode, graphics engine, and extensive
network interface capability, enables TVs to deliver rich applications for convenient access
to multimedia content, both from within the home, as well as from the web.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com