Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLI7510 Datasheet(PDF) 5 Page - STMicroelectronics

Part # FLI7510
Description  Worldwide H.264/MPEG decoder Faroudja video processing iDTV SoC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI7510 Datasheet(HTML) 5 Page - STMicroelectronics

  FLI7510 Datasheet HTML 1Page - STMicroelectronics FLI7510 Datasheet HTML 2Page - STMicroelectronics FLI7510 Datasheet HTML 3Page - STMicroelectronics FLI7510 Datasheet HTML 4Page - STMicroelectronics FLI7510 Datasheet HTML 5Page - STMicroelectronics FLI7510 Datasheet HTML 6Page - STMicroelectronics FLI7510 Datasheet HTML 7Page - STMicroelectronics FLI7510 Datasheet HTML 8Page - STMicroelectronics FLI7510 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FLI7510
Main features
Doc ID 16234 Rev 1
5/9
2.8
Security
●
Advanced security management with secure boot and trusted processor
●
Broadcast stream encryption management (CI/CI+/MCARD) and DVR data re-
encryption
●
Fully supports DRMs, including HDCP, WMDRM, DTCP-IP
2.9
TV SoC peripherals
●
One Smart Card interface
●
Three UARTs
●
Three SSC/I2C
●
GPIO banks with alternate functions
●
Infrared receiver
●
Four PWMs
●
HDMI CEC
●
Low bandwidth ADC for chassis control
2.10
Package
●
FPGBA 35 mm x 35 mm, 956 balls, R34x34, Pitch 1.0 mm, Ball 0.6 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com