Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM320HAY30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 1 Page - STMicroelectronics

  LSM320HAY30 Datasheet HTML 1Page - STMicroelectronics LSM320HAY30 Datasheet HTML 2Page - STMicroelectronics LSM320HAY30 Datasheet HTML 3Page - STMicroelectronics LSM320HAY30 Datasheet HTML 4Page - STMicroelectronics LSM320HAY30 Datasheet HTML 5Page - STMicroelectronics LSM320HAY30 Datasheet HTML 6Page - STMicroelectronics LSM320HAY30 Datasheet HTML 7Page - STMicroelectronics LSM320HAY30 Datasheet HTML 8Page - STMicroelectronics LSM320HAY30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
December 2009
Doc ID 16917 Rev 1
1/42
42
LSM320HAY30
MEMS motion sensor module:
3D digital accelerometer and 2D pitch and yaw analog gyroscope
Features
2.7 V to 3.6 V power supply operation
Low voltage compatible digital IOs, 1.8 V
±2 g/±4 g/±8 g dynamically selectable full-scale
±300 dps absolute analog angular rate output
I2C/SPI digital linear acceleration interface (16
bit data output)
Two separated outputs for pitch and yaw axis
(1x and 4x amplified)
Integrated low-pass filters for angular rate
2 independent programmable interrupt
generators for free-fall and motion detection
Sleep-to-wakeup function
6D orientation detection
Extended operating temperature range (40 °C
to +85 °C)
High stability over temperature
High shock survivability
Embedded self-test
Embedded power-down
Embedded low-power mode
ECOPACK® RoHS and “Green” compliant
(see
Section 9)
Applications
Motion control for smart user interface
Display orientation
Gaming and virtual reality input devices
Industrial and robotics
Vibration monitoring and compensation
Impact recognition and logging
Motion-activated functions
Intelligent power-saving for handheld devices
Free-fall detection
Description
The LSM320HAY30 is a low-power system-in-
package featuring a 3D digital linear acceleration
sensor and a 2D analog angular rate pitch and
yaw sensor. It provides excellent temperature
stability and high resolution over an extended
operating temperature range (-40°C to +85°C).
ST’s family of sensor modules leverages the
robust and mature manufacturing process already
used for the production of micromachined
accelerometers. The LSM320HAY30 has a
dynamically user-selectable full-scale
acceleration range of ±2
g/±4 g/±8 g, and an
angular rate of ±300 dps capable of detecting
rates with a -3 dB bandwidth up to 140 Hz along
pitch and yaw axes. The LSM320HAY30 is
capable of measuring linear accelerations with
output data rates from 0.5 Hz up to 1 kHz. The
embedded self-test capability allows the user to
check the functioning of each sensor in the final
application. The device can be configured to
generate an interrupt signal by inertial
wakeup/free-fall events as well as by the position
of the device itself. Several years ago ST
successfully pioneered the use of this package for
accelerometers. Today, ST has the widest
manufacturing capability and strongest expertise
in the world for production of sensors in plastic
LGA packages.
LGA-28L (4.4x7.5x1.1mm)
www.st.com


Similar Part No. - LSM320HAY30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
LSM303AGRTR STMICROELECTRONICS-LSM303AGRTR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM303AH STMICROELECTRONICS-LSM303AH Datasheet
1Mb / 82P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
28-Nov-2018
More results

Similar Description - LSM320HAY30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPY403AL STMICROELECTRONICS-LPY403AL Datasheet
282Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±30 dps analog gyroscope
29-Oct-2009
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±100 dps analog gyroscope
29-Oct-2009
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±300 dps analog gyroscope
29-Oct-2009
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
29-Oct-2009
LPY503AL STMICROELECTRONICS-LPY503AL Datasheet
228Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±30°/s analog gyroscope
06-Jul-2009
LPY510AL STMICROELECTRONICS-LPY510AL Datasheet
228Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±100°/s analog gyroscope
06-Jul-2009
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±300°/s analog gyroscope
06-Jul-2009
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
LPY4150AL STMICROELECTRONICS-LPY4150AL Datasheet
265Kb / 14P
MEMS motion sensor: dual-axis pitch and yaw ±1500 dps analog gyroscope
29-Oct-2009
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±1500°/s analog output gyroscope
06-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com