Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM320HAY30 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 13Page - STMicroelectronics LSM320HAY30 Datasheet HTML 14Page - STMicroelectronics LSM320HAY30 Datasheet HTML 15Page - STMicroelectronics LSM320HAY30 Datasheet HTML 16Page - STMicroelectronics LSM320HAY30 Datasheet HTML 17Page - STMicroelectronics LSM320HAY30 Datasheet HTML 18Page - STMicroelectronics LSM320HAY30 Datasheet HTML 19Page - STMicroelectronics LSM320HAY30 Datasheet HTML 20Page - STMicroelectronics LSM320HAY30 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
LSM320HAY30
Application hints
Doc ID 16917 Rev 1
17/42
5
Application hints
Figure 3.
LSM320HAY30 electrical connections
Table 6.
External component values
Component type
Component
Value
Capacitor
C1
4.7 µF
C2
2.2 nF to 2.2 µF
C3
470 nF
C4
10 nF
C5
100 nF
C6
10 µF
Resistor
R1
1 M
R2
33 k
R3
10 k
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
Y
1
X
Z
DIRECTION OF
DETECTABLE
ACCELERATIONS
DIRECTION OF
DETECTABLE
ANGULAR RATE
FILTVDD
FILTIN Y
(TOP VIEW)
24
1
RES
GND
LSM320HAY30
GND
28
10
15
11
14
25
VDD
RES
RES
RES
GND
GND
4xIN X
OUT X
Recommended
Low-pass filter
Optional
High-pass filter
Vref
GND
C1
R1
C2
R2
R3
C3
C4
Vref
GND
C1
R1
C2
R2
OUT Z
4xIN Z
Vdd_IO
Vdd
C6
C5
Y
1
X
Z
+Ω
x
+Ω
z
Optional
High-pass filter
Recommended
Low-pass filter
AM06041v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com