Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUR52 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUR52
Description  HIGH CURRENT NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUR52 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUR52 Datasheet HTML 1Page - Comset Semiconductor BUR52 Datasheet HTML 2Page - Comset Semiconductor BUR52 Datasheet HTML 3Page - Comset Semiconductor BUR52 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUR52
COMSET SEMICONDUCTORS
1/4
The BUR52 is a silicon multiepitaxial planar NPN transistor in modified jedec TO-3 metal case,
Intented for use in switching and linear applications in military and industrial equipment.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage (IB = 0)
250
V
VCBO
Collector-Base Voltage (IE = 0)
350
V
VEBO
Emitter-Base Voltage (IC = 0)
10
V
IC
60
IC
Collector Current
ICM tp = (10 ms)
80
A
LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT
H
HIIG
GH
H C
CU
UR
RR
RE
EN
NT
T N
NP
PN
N S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - BUR52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUR52 STMICROELECTRONICS-BUR52 Datasheet
62Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
logo
Seme LAB
BUR52 SEME-LAB-BUR52 Datasheet
27Kb / 2P
HIGH CURRENT NPN SILICON
logo
Comset Semiconductor
BUR52 COMSET-BUR52 Datasheet
77Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUR52 NJSEMI-BUR52 Datasheet
68Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
BUR52 ISC-BUR52 Datasheet
186Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BUR52

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
High Current Transistors(NPN Silicon)
logo
Zetex Semiconductors
FZT851 ZETEX-FZT851 Datasheet
53Kb / 3P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Siemens Semiconductor G...
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
NPN Silicon Darlington Transistors (High current gain High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
NPN Silicon AF Transistors (High current gain High collector current)
logo
List of Unclassifed Man...
2N6702 ETC1-2N6702 Datasheet
292Kb / 6P
High-Current silicon NPN Versawatt Transistors
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N2195 NJSEMI-2N2195 Datasheet
125Kb / 1P
HIGH-SPEED NPN SILICON, HIGH-CURRENT SWITCHING TRANSISTORS
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com