Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD040QT2 Datasheet(PDF) 17 Page - AZ Displays

Part # PD040QT2
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD040QT2 Datasheet(HTML) 17 Page - AZ Displays

Back Button PD040QT2 Datasheet HTML 11Page - AZ Displays PD040QT2 Datasheet HTML 12Page - AZ Displays PD040QT2 Datasheet HTML 13Page - AZ Displays PD040QT2 Datasheet HTML 14Page - AZ Displays PD040QT2 Datasheet HTML 15Page - AZ Displays PD040QT2 Datasheet HTML 16Page - AZ Displays PD040QT2 Datasheet HTML 17Page - AZ Displays PD040QT2 Datasheet HTML 18Page - AZ Displays PD040QT2 Datasheet HTML 19Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
PD040QT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:17
14. Reliability Test
No
Test
Item
Test
Condition
1
High Temperature Storage Test
Ta = +85
, 240 hrs
2
Low Temperature Storage Test
Ta = -40
, 240 hrs
3
High Temperature Operation Test
Ta = +85
, 240 hrs
4
Low Temperature Operation Test
Ta = -30
, 240 hrs
5
High Temperature & High Humidity
Operation Test
Ta = +60
, 90%RH, 240 hrs
6
Thermal Cycling Test
(non-operating)
-30
+80
, 200 Cycles,
30 min
30 min
7
Vibration Test
(non-operating)
Frequency:10~55HZ
Amplitude: 1.5mm
Sweep time:11 mins
Test Period:6 Cycles for each direction of X,Y,Z
8
Shock Test
(non-operating)
100G, 6ms
Direction :
X,
Y,
Z
Cycle : 3 times
9
Electrostatic Discharge Test
(non-operating)
150pF, 330
Air : ±15KV ; Contact : ±8KV
10 times/point, 5 points/panel face
Ta: ambient temperature
Note : The protective film must be removed before temperature test.
[Criteria]
In the standard conditions, there is not display function NG issue occurred. (including : line defect ,no
image).All the cosmetic specification is judged before the reliability stress.
P-511-528(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com