Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD040QT2 Datasheet(PDF) 13 Page - AZ Displays

Part # PD040QT2
Description  TECHNICAL SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD040QT2 Datasheet(HTML) 13 Page - AZ Displays

Back Button PD040QT2 Datasheet HTML 9Page - AZ Displays PD040QT2 Datasheet HTML 10Page - AZ Displays PD040QT2 Datasheet HTML 11Page - AZ Displays PD040QT2 Datasheet HTML 12Page - AZ Displays PD040QT2 Datasheet HTML 13Page - AZ Displays PD040QT2 Datasheet HTML 14Page - AZ Displays PD040QT2 Datasheet HTML 15Page - AZ Displays PD040QT2 Datasheet HTML 16Page - AZ Displays PD040QT2 Datasheet HTML 17Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PD040QT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:13
11. Power On Sequence
VDD
3.0V
0.3V
3.0V
t1
t2
t3
Signal*3
1. 0
t1
20ms
2. 0
t2
50ms
3. 0
t3
1s
12. Optical Characteristics
12-1) Specification:
Ta = 25
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
21,
22
75
80
---
deg
12
45
50
---
deg
Viewing Angle
Vertical
11
CR
10
55
60
---
deg
Note 12-1
Contrast Ratio
CR
At optimized
Viewing angle
200
400
---
Note 12-2
Luminance
L
=0
300
350
---
cd/
x
=0
0.26
0.30
0.34
White Chromaticity
y
=0
0.29
0.33
0.37
Rise
Tr
---
15
30
ms
Response time
Fall
Tf
=0
---
25
50
ms
Note 12-3
Uniformity
U
-
75
80
---
%
Note 12-5
Cross Talk Ratio
CTK
-
---
---
3.5
%
Note 12-6
LED Life Time
+25
20000
30000
---
hrs
Note 12-4
10ms
10ms
Back Light ON
OFF
OFF
P-511-528(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com