| Electronic Components Datasheet Search |
|
ADE8052Z-PRG1 Datasheet(PDF) 78 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE8052Z-PRG1 Datasheet(HTML) 78 Page - Analog Devices |
|
78 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 78 of 156 External Voltage ADC in PSM1 and PSM2 Modes An external voltage conversion is initiated only by certain actions that depend on the operating mode of the ADE5166/ADE5169/ ADE5566/ADE5569. • In PSM0 operating mode, the 8052 is active. External voltage measurements are available in the background measurement mode and by initiating a single measurement. • In PSM1 operating mode, the 8052 is active and the part is powered from battery. Single external voltage measurements can be initiated by setting VDCIN_ADC_GO in the start ADC measurement SFR (ADCGO, Address 0xD8[2]). Background external voltage measurements are not available. • In PSM2 operating mode, the 8052 is not active. External voltage conversions are available through the background measurement mode only. The external voltage ADC in the VDCINADC value SFR (VDCINADC, Address 0xEF) is updated with a new value only when an external voltage ADC interrupt occurs. External Voltage ADC Interrupt The external voltage ADC can generate an ADC interrupt when at least one of the following conditions occurs: • The difference between the new external voltage ADC value and the last external voltage ADC value generating an ADC interrupt is larger than the value set in the VDCIN_DIFF bits in the temperature and supply delta SFR (DIFFPROG, Address 0xF3[2:0]). • The external voltage ADC conversion, initiated by setting the VDCIN_ADC_GO bit in the start ADC measurement SFR (ADCGO, Address 0xD8[2]), finishes. When the ADC interrupt occurs, a new value is available in the VDCINADC value SFR (VDCINADC, Address 0xEF). Note that there is no flag associated with this interrupt. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |