| Electronic Components Datasheet Search |
|
ADE8052Z-PRG1 Datasheet(PDF) 89 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE8052Z-PRG1 Datasheet(HTML) 89 Page - Analog Devices |
|
89 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 89 of 156 INSTRUCTIONS THAT AFFECT FLAGS Many instructions explicitly modify the carry bit, such as the MOV C bit and CLR C instructions. Other instructions that affect status flags are listed in this section. ADD A, Source This instruction adds the source to the accumulator. No status flags are referenced by the instruction. Table 70. ADD A (Source) Affected Status Flags Flag Description C Set if there is a carry out of Bit 7. Cleared otherwise. Used to indicate an overflow if the operands are unsigned. OV Set if there is a carry out of Bit 6 or a carry out of Bit 7, but not if both are set. Used to indicate an overflow for signed addition. This flag is set if two positive operands yield a negative result or if two negative operands yield a positive result. AC Set if there is a carry out of Bit 3. Cleared otherwise. ADDC A, Source This instruction adds the source and the carry bit to the accu- mulator. The carry status flag is referenced by the instruction. Table 71. ADDC A (Source) Affected Status Flags Flag Description C Set if there is a carry out of Bit 7. Cleared otherwise. Used to indicate an overflow if the operands are unsigned. OV Set if there is a carry out of Bit 6 or a carry out of Bit 7, but not if both are set. Used to indicate an overflow for signed addition. This flag is set if two positive operands yield a negative result or if two negative operands yield a positive result. AC Set if there is a carry out of Bit 3. Cleared otherwise. SUBB A, Source This instruction subtracts the source byte and the carry (borrow) flag from the accumulator. It references the carry (borrow) status flag. Table 72. SUBB A (Source) Affected Status Flags Flag Description C Set if there is a borrow needed for Bit 7. Cleared other- wise. Used to indicate an overflow if the operands are unsigned. OV Set if there is a borrow needed for Bit 6 or Bit 7, but not for both. Used to indicate an overflow for signed sub- traction. This flag is set if a negative number subtracted from a positive number yields a negative result or if a positive number subtracted from a negative number yields a positive result. AC Set if a borrow is needed for Bit 3. Cleared otherwise. MUL AB This instruction multiplies the accumulator by the B SFR. This operation is unsigned. The lower byte of the 16-bit product is stored in the accumulator and the higher byte is left in the B register. No status flags are referenced by the instruction. Table 73. MUL AB Affected Status Flags Flag Description C Cleared. OV Set if the result is greater than 255. Cleared otherwise. DIV AB This instruction divides the accumulator by the B SFR. This operation is unsigned. The integer part of the quotient is stored in the accumulator and the remainder goes into the B register. No status flags are referenced by the instruction. Table 74. DIV AB Affected Status Flags Flag Description C Cleared. OV Cleared unless the B register is equal to 0, in which case the results of the division are undefined and the OV flag is set. DA A This instruction adjusts the accumulator to hold two 4-bit digits after the addition of two binary coded decimals (BCDs) with the ADD or ADDC instructions. If the AC bit is set or if the value of Bit 0 to Bit 3 exceeds 9, 0x06 is added to the accumulator to cor- rect the lower four bits. If the carry bit is set when the instruction begins, or if 0x06 is added to the accumulator in the first step, 0x60 is added to the accumulator to correct the higher four bits. The carry and AC status flags are referenced by this instruction. Table 75. DA A Affected Status Flag Flag Description C Set if the result is greater than 0x99. Cleared otherwise. RRC A This instruction rotates the accumulator to the right through the carry flag. The old LSB of the accumulator becomes the new carry flag, and the old carry flag is loaded into the new MSB of the accumulator. The carry status flag is referenced by this instruction. Table 76. RRC A Affected Status Flag Flag Description C Equal to the state of ACC[0] before execution of the instruction. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |