Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2116 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 13Page - Analog Devices ADP2116 Datasheet HTML 14Page - Analog Devices ADP2116 Datasheet HTML 15Page - Analog Devices ADP2116 Datasheet HTML 16Page - Analog Devices ADP2116 Datasheet HTML 17Page - Analog Devices ADP2116 Datasheet HTML 18Page - Analog Devices ADP2116 Datasheet HTML 19Page - Analog Devices ADP2116 Datasheet HTML 20Page - Analog Devices ADP2116 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADP2116
Rev. 0 | Page 17 of 36
CH3 5.0V
CH1 5.0V
CH2 1.0V
CH4 1.0V
M1ms 25MS/s
A CH1
2.2V
2
4
3
1
40ns/pt
B
W
B
W
B
W
VOUT1
EN1
PGOOD1
SS1
Figure 53. Power-Good Signal
CH3 2.0A
CH1 5.0V
CH2 2.0A
CH4 5.0V
M2.0µs
A CH1
1.9V
2
3
4
1
PHASE 1 SW
PHASE 2 SW
INDUCTOR CURRENT, PHASE 1
INDUCTOR CURRENT, PHASE 2
T 79.6%
Ω
Ω
Figure 54. Combined Dual-Phase Output Operation,
VOUT = 1.2 V, fSW = 300 kHz, 6 A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com