Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2116 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 14Page - Analog Devices ADP2116 Datasheet HTML 15Page - Analog Devices ADP2116 Datasheet HTML 16Page - Analog Devices ADP2116 Datasheet HTML 17Page - Analog Devices ADP2116 Datasheet HTML 18Page - Analog Devices ADP2116 Datasheet HTML 19Page - Analog Devices ADP2116 Datasheet HTML 20Page - Analog Devices ADP2116 Datasheet HTML 21Page - Analog Devices ADP2116 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADP2116
Rev. 0 | Page 18 of 36
BODE PLOTS
50
40
30
20
10
0
–10
–20
–30
–40
–50
120
96
72
48
0
–24
24
–48
–72
–96
–120
1k
10k
M2
M1
100k
FREQUENCY (Hz)
MAGNITUDE
FREQUENCY
MAGNITUDE
PHASE
M1
56.62kHz
0.029dB
55.02°
M2
220.20kHz
–18.743dB
–0.468°
M2 – M1
163.58kHz
–18.772dB
–55.494°
PHASE
Figure 55. Magnitude and Phase vs. Frequency, VIN = 5 V, VOUT = 2.5 V, Load = 3 A,
fSW = 600 kHz, Crossover Frequency (fCROSS) = 57 kHz, Phase Margin = 55°
(See Table 12 for the Circuit Details)
50
40
30
20
10
0
–10
–20
–30
–40
–50
120
96
72
48
24
0
–24
–48
–72
–96
–120
1k
10k
M2
M1
100k
FREQUENCY (Hz)
FREQUENCY
MAGNITUDE
PHASE
M1
46.12kHz
–0.558dB
47.275°
M2
186.41kHz
–20.906dB
0.065°
M2 – M1
140.29kHz
–20.348dB
–47.210°
MAGNITUDE
PHASE
Figure 56. Magnitude and Phase vs. Frequency, VIN = 5 V, VOUT = 1.2 V, Load = 3 A,
fSW = 600 kHz, Crossover Frequency (fCROSS) = 46 kHz, Phase Margin = 47°
(See Table 12 for the Circuit Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com