Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5002R-CM/F Datasheet(PDF) 2 Page - Teridian Semiconductor Corporation

Part # 5002R-CM/F
Description  Dual SCART A/V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

5002R-CM/F Datasheet(HTML) 2 Page - Teridian Semiconductor Corporation

  5002R-CM/F Datasheet HTML 1Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 2Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 3Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 4Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AVPro® 5002R
Dual SCART A/V Switch
DATA SHEET
Page: 2 of 30
© 2008 TERIDIAN Semiconductor Corporation
Rev 2.1
Functional Description
The 5002R is an audio/video switching device. The
device integrates both audio and video drivers so that it
can
directly
drive
the
SCART
interface.
All
programmable functions of the device are controlled
through a standard I2C serial interface and a set of
internal registers.
The device will interface to an external video encoder
that provides six video outputs. In addition, the 5002R
includes two programmable digital outputs and
provides inputs for the TV SCART audio/video.
SCART Video Switching
The device is designed to accept video signals from an
auxiliary SCART connector, TV SCART connector, and
an external video encoder/DAC device. The devices
include a set of analog multiplexers that receive video
signals from these sources and allow routing of the
signals to the various video outputs. The video output
drivers have a nominal gain of 2 V/V to allow for a
series resistance of 75Ω prior to the 75Ω termination. A
block diagram of the video switching function is
provided in Figure 1. Details of the register settings are
provided in the section titled “Serial Port Register
Tables”.
Enc_B
Enc_G
Enc_R
Aux_YCout
Aux_B
Aux_G
Aux_YC
TV_B
TV_G
TV_R
TV_YCout
EBLANK
ABLANK
BLANK
Enc_YC
Aux_Cout
Aux_R
Mod_YC
Enc_C
Enc_Y
TV_Fnc
Mux
VGen
Aux_Fnc
Comparator
0V
4V
Mux
Mux
Mux
Mux
Mux
Mux
Mux
Aux_Cin
TV_YCin
Gain
Mux
Enc2_Y
Enc2_C
FIGURE 1: 5002R VIDEO SWITCHING BLOCK DIAGRAM
Note: Aux_Cin, Enc2_Y and Enc2_C are not available on the 48QFN package option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com