Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5002R-CM/F Datasheet(PDF) 21 Page - Teridian Semiconductor Corporation

Part # 5002R-CM/F
Description  Dual SCART A/V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

5002R-CM/F Datasheet(HTML) 21 Page - Teridian Semiconductor Corporation

Back Button 5002R-CM/F Datasheet HTML 17Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 18Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 19Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 20Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 21Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 22Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 23Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 24Page - Teridian Semiconductor Corporation 5002R-CM/F Datasheet HTML 25Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AVPro® 5002R
Dual SCART A/V Switch
DATA SHEET
Page: 21 of 30
© 2008 TERIDIAN Semiconductor Corporation
Rev 2.1
AUXILIARY Red / Chroma Bi-directional Operation:
For the TV source selection of Auxiliary RGB (Register 1 xxxxx001) and S- video (Register 1 xxxxx101), the output
driver on the Aux_Cout pin acts as part of the load for the RED/Chroma signal input on pin 15 of the SCART connector.
In order to get the correct 75Ω load impedance, the Aux_Cout amplifier needs either a DC bias, an extra resistance to
ground, or a FET pulldown.
1). To select an internal DC bias for the Aux_Cout amplifier, the Aux A/V source should be set for S-video mode
(SVHS Enc 1, Enc 2, Enc 3 or Enc 4) per the following table. This puts 0.9 VDC bias at the input, or about 1.8V at the
Aux_Cout
pin, and 0.9V at the auxiliary SCART connector when terminated (driven) in a 75Ω system. Therefore, the
outputs of the external video encoder must be disabled in this mode in order to prevent corruption of the incoming
RED/Chroma video signal.
2). As an alternative, to select a 0V DC bias for the Aux_Cout amplifier, the Aux A/V source should select one of
the Composite modes (Enc1, ENC2 or TV) or Aux mute in the following table. In this mode, the internal amplifier bias
set to 0V, but amplifier is a weak pulldown. The amplifier is biased between ground and +5V, as such, the output
impedance of the Aux_Cout is around 100Ω including the 75Ω series resistor. A shunt resistor of 330 to 470 Ω will
compensate, but will slightly lower the Aux_Cout chroma signal.
3). Another option is to add a FET with ~20Ω series resistor from the Aux_Cout to ground. Select 0VDC bias for
the Aux_Cout amplifier, and bias the FET in the “ON” or conducting state. The Aux A/V source should select one of the
Composite modes (Enc1, ENC2 or TV) or Aux mute. See the Register 1: Audio/Video Control bit table for settings. This
method will compensate for the Aux_Cout pin pulldown, and not significantly reduce the Aux_Cout chroma signal.
Mux
Aux_R
Aux_Cout
Aux_Cin
75
Ω
Auxiliary
SCART
Pin 15
Mux
Mux
Option 2
R = (330-470
Ω)
or
5002R
Option 3
FET + R = 20
Ω
Note: Aux_Cin is not available on the 48QFN package
HOT-PLUG OF SCART CONNECTORS
Semiconductor ICs can be sensitive to discharges caused by floating chassis grounds between audio/video equipment.
This is observed when the SCART cables are repeatedly connected and disconnected while the ICs are powered on
inside the IRD. When the SCART cable is unplugged, an AC potential can exist between equipment. When the SCART
cable is plugged back into the IRD, the AC potential discharges through the SCART connector. If the discharge occurs
through the shield of the SCART connector or the ground pins, there is no problem. If the discharge occurs through the
signal pins, semiconductor devices can experience potential issues. These issues will occur if the pulse created by the
discharge has a fast rising edge, typically a few hundred pico-seconds. This is an order of magnitude faster than a
standard ESD pulse so the internal ESD diodes of ICs will not respond fast enough to protect the device. This issue can
be resolved by placing a small shunt capacitor on each SCART I/O pin. The capacitor slows the rising edge of the
discharge pulse and allows the internal ESD diodes to react to the discharge. An exact value should be calculated for
each signal line depending upon the signal type so as to avoid roll-off of the intended signal. (see Equivalent Circuit
section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com