Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R656 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT56R656
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R656 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT56R656 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R656 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD16
Operating Current
(fSYS=32768Hz (note 1)
or 32K internal RC OSC)
3V
WDT off, LCD on (note 2),
1/3 bias (RBIAS=600k
W),
VLCD=VDD
¾
10
15
mA
5V
¾
16
24
mA
IDD17
Operating Current
(fSYS=32768Hz (note 1)
or 32K internal RC OSC)
3V
WDT off, LCD on (note 2),
1/5 bias (RBIAS=100k
W),
VLCD=VDD
¾
30
45
mA
5V
¾
50
75
mA
IDD18
Operating Current
(fSYS=32768Hz (note 1)
or 32K internal RC OSC)
3V
WDT off, LCD on (note 2),
1/4 bias (RBIAS=80k
W),
VLCD=VDD
¾
40
60
mA
5V
¾
60
90
mA
IDD19
Operating Current
(fSYS=32768Hz (note 1)
or 32K internal RC OSC)
3V
WDT off, LCD on (note 2),
1/3 bias (RBIAS=60k
W),
VLCD=VDD
¾
50
75
mA
5V
¾
80
120
mA
IDD20
Operating Current
(fSYS=32768Hz (note 1)
or 32K internal RC OSC)
3V
No load, LCD off, WDT off,
¾
69
mA
5V
¾
10
15
mA
ISTB1
Standby Current ( Sleep)
(fSYS,fSUB,fS,fLCD,fWDT=off)
3V
No load, system HALT,
LCD off, WD off
¾
0.2
1.0
mA
5V
¾
0.3
2.0
mA
ISTB2
Standby Current ( Sleep)
(fSYS,fLCD,fWDT=fSUB=32768Hz
(note 1) or 32K RC OSC)
3V
No load, system HALT,
LCD off, WD off
¾
24
mA
5V
¾
35
mA
ISTB3
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/5 bias (RBIAS=1M
W),
VLCD=VDD
¾
610
mA
5V
¾
10
15
mA
ISTB4
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/4 bias (RBIAS=800k
W),
VLCD=VDD
¾
610
mA
5V
¾
10
15
mA
ISTB5
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/3 bias (RBIAS=600k
W),
VLCD=VDD
¾
812
mA
5V
¾
12
16
mA
ISTB6
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/5 bias (RBIAS=100k
W),
VLCD=VDD
¾
26
39
mA
5V
¾
44
66
mA
ISTB7
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/4 bias (RBIAS=80k
W),
VLCD=VDD
¾
32
48
mA
5V
¾
54
81
mA
ISTB8
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/3 bias (RBIAS=60k
W),
VLCD=VDD
¾
44
66
mA
5V
¾
70
105
mA
ISTB9
Standby Current ( Idle)
(fSYS On, fSYS=fM=4MHz,
fWDT,fLCD off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K RC OSC)
3V
No load, system HALT,
LCD off, WDT off,
SPI or I
2C On, PCLK On,
PCLK=fSYS/8
¾
150
250
mA
5V
¾
350
550
mA
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
12
July 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com