Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F10P Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT83F10P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10P Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT83F10P Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 9Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 10Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 11Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 12Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 13Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 14Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 15Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
HT83FXX
Rev. 1.00
12
May 12, 2009
Special Function Registers
To ensure successful operation of the microcontroller,
certain internal registers are implemented in the RAM
Data Memory area. These registers ensure correct op-
eration of internal functions such as timers, interrupts,
watchdog, etc., as well as external functions such as I/O
data control. The location of these registers within the
RAM Data Memory begins at the address
²00H². Any
unused Data Memory locations between these special
function registers and the point where the General Pur-
pose Memory begins is reserved for future expansion
purposes, attempting to read data from these locations
will return a value of
²00H².
Indirect Addressing Register
- IAR
The Indirect Addressing Register, IAR, although having
location in normal RAM register space, do not actually
physically exist as normal registers.
The method of indirect addressing for RAM data manip-
ulation uses the Indirect Addressing Register and Mem-
ory Pointer, in contrast to direct memory addressing,
where the actual memory address is specified.
Actions on the IAR register will result in no actual read or
write operation to these register but rather to the mem-
ory location specified by their corresponding Memory
Pointer, MP. Acting as a pair, IAR and MP can together
only access data. As the Indirect Addressing Registers
are not physically implemented, reading the Indirect Ad-
dressing Register indirectly will return a result of
²00H²
and writing to the registers indirectly will result in no op-
eration.
Memory Pointer
- MP
For all devices, Memory Pointer, known as MP is pro-
vided. These Memory Pointers are physically imple-
mented in the Data Memory and can be manipulated in
the same way as normal register providing a convenient
way with which to address and track data. When any op-
eration to the relevant Indirect Addressing Registers is
carried out, the actual address that the microcontroller is
directed to, is the address specified by the related Mem-
ory Pointer. MP, together with Indirect Addressing Reg-
ister, IAR, are used to access data. Note that bit 7 of the
Memory Pointers is not required to address the full
memory space and will return a value of
²1² if read.
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
: U n k n o w n
I A R
M P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R 0
T M R 0 C
T M R 1
T M R 1 C
P A
P A C
P B
P B C
I N T C H
S I M C 0
S I M C 1
S I M D R
S I M A R / S I M C 2
D A L
D A H
P W M C R
P W M L
P W M H
V O L
Special Purpose Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com