Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F10P Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT83F10P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10P Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT83F10P Datasheet HTML 24Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 25Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 26Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 27Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 28Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 29Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 30Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 31Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
HT83FXX
Rev. 1.00
28
May 12, 2009
I
2C Interface
The I
2C bus is a bidirectional 2-line communication inter-
face originally developed by Philips. The possibility of
transmitting and receiving data on only 2 lines offers
many new application possibilities for microcontroller
based applications.
· I2C Interface Operation
As the I
2C interface pins are pin-shared with segment
pins and with the SPI function pins, the I
2C interface
must first be enabled by selecting the correct configu-
ration option.
There are two lines associated with the I
2C bus, the
first is known as SDA and is the Serial Data line, the
second is known as SCL line and is the Serial Clock
line. As many devices may be connected together on
the same bus, their outputs are both open drain types.
For this reason it is necessary that external pull-high
resistors are connected to these outputs. Note that no
chip select line exists, as each device on the I
2C bus is
identified by a unique address which will be transmit-
ted and received on the I
2C bus.
When two devices communicate with each other on
the bidirectional I
2C bus, one is known as the master
device and one as the slave device. Both master and
slave can transmit and receive data, however, it is the
master device that has overall control of the bus. For
this device, which only operates in slave mode, there
are two methods of transferring data on the I
2C bus,
the slave transmit mode and the slave receive mode.
· I2C Registers
There are three control registers associated with the
I
2C bus, SIMC0, SIMC1 and SIMAR and one data reg-
ister, SIMDR.
The SIMDR register is used to store the data being
transmitted and received on the I
2C bus. Before the
microcontroller writes data to the I
2C bus, the actual
data to be transmitted must be placed in the SIMDR
register. After the data is received from the I
2C bus,
the microcontroller can read it from the SIMDR regis-
ter. Any transmission of data to the I
2C bus or recep-
tion of data from the I
2C bus must be made via the
SIMDR register.
The SIMAR register is the location where the slave
address of the microcontroller is stored. Bits 1~7 of
the SIMAR register define the microcontroller slave
address. Bit 0 is not defined. When a master device,
which is connected to the I
2C bus, sends out an ad-
dress, which matches the slave address in the SIMAR
register, the microcontroller slave device will be se-
lected.
Note that the SIMAR register is the same register as
SIMC2 which is used by the SPI interface.
The SIMC0 register is used for the I
2C overall on/off
control.
· I2C Configuration Option
There are several configuration options associated
with the I
2C interface. One of these is to enable the
RNIC bit function which selects the RNIC bit in SIMC1
register. Another configuration option determines the
debounce time of the I
2C interface. This add a
debounce delay time to the external clock to reduce
the possibility of glitches on the clock line causing er-
roneous operation. The debounce time if selected can
be chosen to be either 1 or 2 system clocks.
S I M A R R e g i s t e r
b 7
N o t i m p l e m e n t e d , r e a d a s " 0 "
I 2 C d e v i c e s l a v e a d d r e s s
b 0
S A 5
S A 4
S A 6
S A 0
S A 3
S A 2
S A 1
Slave Address Register
- SIMAR
S I M C 0 R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
I 2 C O n / O f f c o n t r o l
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d
I 2 C M a s t e r / S l a v e a n d c l o c k c o n t r o l
S I M 2
S I M 1
S I M 0
b 0
S I M E N
N o t u s e d
N o t u s e d
N o t u s e d
N o t u s e d
N o t u s e d
N o t u s e d
I 2 C m o d e
N o t u s e d
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
b 7
S I M 1
S I M 0
S I M 2
I
2C Control Register
- SIMC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com