Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT93LC86 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT93LC86
Description  CMOS 16K 3-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC86 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT93LC86_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 9Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 10Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 11Page - Holtek Semiconductor Inc HT93LC86_09 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8-pin SOP (150mil) Outline Dimensions
· MS-012
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
228
¾
244
B
150
¾
157
C12
¾
20
C
¢
188
¾
197
D
¾¾
69
E
¾
50
¾
F4
¾
10
G16
¾
50
H7
¾
10
a
0
°¾
8
°
HT93LC86
Rev. 1.40
8
July 10, 2009
D
F
C '
G
H
a
E
8
1
A
B
C
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com