Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8536BVTAVL Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8536BVTAVL
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536BVTAVL Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8536BVTAVL Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8536BVTAVL Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
Freescale Semiconductor
56
2.9.3.3
SGMII Transmitter and Receiver DC Electrical Characteristics
Table 39 and Table 40 describe the SGMII SerDes transmitter and receiver AC-Coupled DC electrical characteristics.
Transmitter DC characteristics are measured at the transmitter outputs (SD2_TX[n] and SD2_TX[n]) as depicted in Figure 30.
Table 39. SGMII DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply Voltage
X2VDD
0.95
1.0
1.05
V
—
Output high voltage
VOH
—
—
X2VDD-Typ/2 +
|VOD|-max/2
mV
1
Output low voltage
VOL
X2VDD-Typ/2 -
|VOD|-max/2
——
mV
1
Output ringing
VRING
——
10
%
—
Output differential voltage2, 3, 5
|VOD|
323
500
725
mV
Equalization
setting: 1.0x
296
459
665
Equalization
setting: 1.09x
269
417
604
Equalization
setting: 1.2x
243
376
545
Equalization
setting: 1.33x
215
333
483
Equalization
setting: 1.5x
189
292
424
Equalization
setting: 1.71x
162
250
362
Equalization
setting: 2.0x
Output offset voltage
VOS
425
500
575
mV
1, 4
Output impedance (single-ended)
RO
40
—
60
Ω
—
Mismatch in a pair
RO
——
10
%
—
Change in VOD between “0” and “1”
|VOD|—
—
25
mV
—
Change in VOS between “0” and “1”
VOS
——
25
mV
—
Output current on short to GND
ISA, ISB
——
40
mA
—
Notes:
1. This will not align to DC-coupled SGMII. X2VDD-Typ=1.0V.
2. |VOD| = |VSD2_TXn - VSD2_TXn|. |VOD| is also referred as output differential peak voltage. VTX-DIFFp-p = 2*|VOD|.
3. The |VOD| value shown in the table assumes the following transmit equalization setting in the XMITEQAB (for SerDes 2 lanes
A & B) or XMITEQEF (for SerDes 2 lanes E & E) bit field of MPC8536E’s SerDes 2 Control Register:
• The MSbit (bit 0) of the above bit field is set to zero (selecting the full VDD-DIFF-p-p amplitude - power up default);
• The LSbits (bit [1:3]) of the above bit field is set based on the equalization setting shown in table.
4. VOS is also referred to as output common mode voltage.
• 5.The |VOD| value shown in the Typ column is based on the condition of X2VDD-Typ=1.0V, no common mode offset variation
(VOS =550mV), SerDes2 transmitter is terminated with 100-
Ω differential load between SD2_TX[n] and SD2_TX[n].
Δ
Δ
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com