Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-4264 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # ASDL-4264
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4264 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  ASDL-4264 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4264 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4264 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4264 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASDL-4264
High Efficiency T-1 ¾ (5mm) Infrared (940nm) Lamp
Data Sheet
Description
ASDL-4264 is a Infrared emitter that is optimized for high
efficiency at emission wavelength of 940nm. This device
is designed for high current and low forward voltage ap-
plications. It is encapsulated in T1-3/4 (5mm) package
and is suitable for high performance replacements of
standard emitters.
Applications
• Smoke Detector
• IR Remote Control for Consumer Devices
• IR Remote Control for Industrial Equipment
• Photo-interrupters
• Reflective Applications
• Infrared Illuminator Security Camera
Ordering Information
Features
• T 1- ¾ Package
• 940nm Wavelength
• Narrow Viewing Angle
• Low Forward Voltage
• Ideal for High Current and Low Forward Voltage
Application
• Paired Device to ASDL-5770 and ASDL-5771
• Design for Smoke Detector & Fire Alarm Application
• Lead Free & ROHS Compliant
• Available in Tape & Reel
Part Number
Lead Form
Color
Packaging
Shipping Option
ASDL-4264-C22
ASDL-4264-C31
Straight
Clear
Tape & Reel
Bulk
2000pcs
8000pcs / Carton


Similar Part No. - ASDL-4264

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4264 AVAGO-ASDL-4264 Datasheet
135Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
ASDL-4264-C22 AVAGO-ASDL-4264-C22 Datasheet
135Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
ASDL-4264-C31 AVAGO-ASDL-4264-C31 Datasheet
135Kb / 4P
High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
More results

Similar Description - ASDL-4264

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com