Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-4264 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # ASDL-4264
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4264 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  ASDL-4264 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4264 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4264 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4264 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Typical Electrical / Optical Characteristics
(TA = 25°C Unless Otherwise Indicated)
Wavelength (nm)
0
0.5
1.0
1040
940
840
30
60
90
120
150
180
0
Ambient Temperature Ta ( C)
o
100
-40
0
-20
20
60
40
80
Forward Voltage (V)
0
1.2
1.6
2.0
2.4
2.8
150
120
90
60
30
0
0
-20
0.6
0.2
0.4
0
0.8
1.0
1.2
80
60
40
20
Ambient Temperature Ta ( C)
o
Foward Current (mA)
0
40
80
120
160
200
10.0
8.0
6.0
4.0
2.0
0
0.5
0.3
0.1
0.2
0.4
0.6
0.7
0.8
0.9
1.0
0
20
10o
o
o
80o
90o
70
60
o
o
50
40
o
o
30o
Figure 1. Spectral Distribution
Figure 2. Forward Current Vs. Ambient Temperature
Figure 3. Forward Current Vs. Forward Voltage
Figure 4. Relative Radiant Intensity Vs. Ambient Temperature
Figure 5. Relative Radiant Intensity Vs. Forward Current
Figure 6. Radiation Diagram
For company and product information, please go to our web site:
WWW.liteon.com or
http://optodatabook.liteon.com/databook/databook.aspx
Data subject to change. Copyright © 2007 Lite-On Technology Corporation. All rights reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com