Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G963B/SG/R2 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # G963B/SG/R2
Description  LED Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G963B/SG/R2 Datasheet(HTML) 1 Page - IDEA.lnc.

  G963B/SG/R2 Datasheet HTML 1Page - IDEA.lnc. G963B/SG/R2 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G963B/SG/R2
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
This right angle indicator is designed to use the three-leaded 3.0 mm bi-color round type LED
lamp which has pins spaced on 2.54 mm centers in a single row. The LED lamp contains two inte-
gral chips which are matched for uniform light output. The 3-leaded bi-color lamps used for this
part number are common anode.
PART NO.
Chip
Lens Color
Material
Emitted Color
G963B/SG/R2
GaAlAs
Red
White Diffused
GaP
Green


Similar Part No. - G963B/SG/R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960T33T ETC-G960T33T Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T36T ETC-G960T36T Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
G960T43U ETC-G960T43U Datasheet
100Kb / 7P
3.3V 1A Low Dropout Regulator
More results

Similar Description - G963B/SG/R2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8105FV ROHM-BD8105FV_11 Datasheet
353Kb / 13P
LED Indicator Driver
logo
Marl International Limi...
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
PANEL INDICATOR LED
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com