Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G963B/SG/R2 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # G963B/SG/R2
Description  LED Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

G963B/SG/R2 Datasheet(HTML) 2 Page - IDEA.lnc.

  G963B/SG/R2 Datasheet HTML 1Page - IDEA.lnc. G963B/SG/R2 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G963B/SG/R2
Page
2 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1300-B Pioneer St., Brea, CA 92821 Ph:562-697-4332, 800-LED-IDEA; Fax: 562-690-1352 0409
Absolute Maximum Ratings at Ta = 25 °C
Electronic Optical Characteristics
Parameter
Symbol
Rating
Units
Forward Current
IF
SR
40
mA
VG
30
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-40 to +100
°C
Soldering Temperature
Tsol
260 ± 5
°C
Power Dissipation
Pd
SR
110
mW
VG
100
Peak Forward Current
(Duty 1/10 @ 1KHz)
IF (Peak)
SR
180
mA
VG
160
Reverse Voltage
VR
5V
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
SR
2.5
3.5
—
mcd
IF = 20 mA
VG
2.5
3.5
—
Viewing Angle
2
θ1/2
—50
—
deg
IF = 20 mA
Peak
Wavelength
λp
SR
—
660
—
nm
IF = 20 mA
VG
—
570
—
Dominant
Wavelength
λd
SR
—
643
—
nm
IF = 20 mA
VG
—
571
—
Spectrum Radiation
Bandwidth
∆λ
SR
—
20
—
nm
IF = 20 mA
VG
—
30
—
Forward Voltage
VF
SR
1.5
1.7
2.4
V
IF = 20 mA
VG
1.7
2.1
2.4
Reverse Current
IR
——
10
µA
VR = 5 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com