Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J192B Datasheet(PDF) 1 Page - IDEA.lnc.

Part # J192B
Description  T-1, (3-mm) Round, Triple PCB Mount LED Indicator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

J192B Datasheet(HTML) 1 Page - IDEA.lnc.

  J192B Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Specifications subject to change without notice. Dimensions are in mm±0.25 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 Catalog 995A
T-1, (3-mm) Round, Triple PCB Mount
LED Indicator, J191B and J192B Series
J191B and J192B form a family of indicator arrays with identical spacing but with different reach and can be CMOS driven to save com-
ponents. The three lamps are positioned on a 0.4" pitch. The low profile makes them ideal for applications where space is a premium,
such as in card racks that are closely positioned.
Specify part desired as follows:
J191B/Order Code LED1 + Order Code LED 2 + Order Code LED 3
For example:
“J191B/I+Y+G” designates an assembly with a red LED, a yellow LED and a green LED from left to right.
ORDER CODE AND INFORMATION (ALL RATINGS AT 25°C AMBIENT)
LED Lamp
Typical Characteristics
Recom.
Op. If
(mA)
Epoxy & Type
Color
Order Code
Peak
Vf (V)
Iv (mcd)
2
Θ
1/2
λ (nm)
@If=20mA
@If=2 mA
(Deg)
TInted Diffused
Red
I
639
1.8
4.0
50
2 - 10
Green
G
575
1.7
2.5
60
2 - 10
Yellow
Y
591
1.85
4.0
45
2 - 10
10.16(0.40)
11.7(.46 )
Anode Typ
5.1(.20)
27.9(1.10)
2.64(.104)
9.65
(.38)
10.4
(.41)
3.5(.13 )
3.0(.12)
(typ for bi-color)
Green
Anode
Red or
yellow
Anode
+
–
(Pinout for single color)
3.1
(.12)
10.4
(.41)
J191B
J192B


Similar Part No. - J192B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
J1900 INTEL-J1900 Datasheet
538Kb / 14P
Intel짰 Celeron짰 Processor J1800, J1900, N2807, and N2930 for Internet of Things
logo
Advantech Co., Ltd.
J1900 ADVANTECH-J1900 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
J1939 ADVANTECH-J1939 Datasheet
209Kb / 2P
Intelligent Cellular LTE OBD Data Interface – GPS, Category M1
22-Mar-2021
logo
TE Connectivity Ltd
J1939 TEC-J1939 Datasheet
407Kb / 4P
DOG2 MEMS SERIES CAN J1939 INCLINOMETER
09/2017
logo
EPCOS
J1951M EPCOS-J1951M Datasheet
88Kb / 6P
IF Filter for Intercarrier Applications
More results

Similar Description - J192B

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G94B IDEA-G94B Datasheet
55Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
G191B IDEA-G191B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Triple PCB Mount LED Indicator
G244B IDEA-G244B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G245B IDEA-G245B Datasheet
47Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
G478B IDEA-G478B Datasheet
53Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
G784B IDEA-G784B Datasheet
75Kb / 1P
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
J94B IDEA-J94B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
J183B IDEA-J183B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Tri-level PCB Mount LED Indicator
J244B IDEA-J244B Datasheet
39Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
J245B IDEA-J245B Datasheet
42Kb / 1P
T-1, (3-mm) Round, Quad PCB Mount LED Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com