Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC8518 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PIC8518
Description  High Efficiency, Fixed Frequency WLED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PIC8518 Datasheet(HTML) 1 Page - Power IC Ltd.

  PIC8518 Datasheet HTML 1Page - Power IC Ltd. PIC8518 Datasheet HTML 2Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
On Board Power MOSFET
Drives up to 8 Series White LEDs
Up to 87% Efficiency
1.2 MHz Fixed Switching Frequency
Open Load Shutdown
Low 104mV Feedback Voltage
Soft Start/PWM Dimming
UVLO, Thermal Shutdown
Internal Current Limit
Available in 6L-SOT26
APPLICATIONS
Cellular and cordless phones
Wireless LAN cards
Palmtop computers
Personal Communication equipment
Pen drives
Bluetooth devices
DESCRIPTION
The PIC8518 is a step up converter designed for
driving up to 8 series white LEDs from 5V input.
The PIC8518 uses current mode, fixed frequency
architecture to regulate the LED current, which is
measured through an external current sense
resistor. Its low 104mV feedback voltage reduces
power loss and improves efficiency. The OV pin
monitors the output voltage and turns off the
converter if an over-voltage condition is present
due to an open circuit condition.
The PIC8518 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload. The PIC8518 is available in small 6-pin
TSOT26.
TYPICAL APPLICATION CIRCUIT
High Efficiency, Fixed
Frequency WLED Driver
PIC8518
www.picsemi.com
Road-8, House-2/A, Baridhara Diplomatic Area, Dhaka-1212, Phone: +880-2- 8861966, Fax: +880-2-8835244
1


Similar Part No. - PIC8518

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC876 MICROCHIP-PIC876 Datasheet
3Mb / 218P
28/40-pin 8-Bit CMOS FLASH Microcontrollers
2001
logo
KODENSHI_AUK CORP.
PIC8836-1 KODENSHI-PIC8836-1 Datasheet
143Kb / 2P
Small COB package available reflow soldering
More results

Similar Description - PIC8518

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
logo
Power IC Ltd.
PS1518 PICSEMI-PS1518 Datasheet
631Kb / 12P
High Efficiency, Fixed Frequency WLED Driver
logo
Micrel Semiconductor
MIC2860_D MICREL-MIC2860_D Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
logo
Allegro MicroSystems
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
logo
Asahi Kasei Microsystem...
AP2152 AKM-AP2152 Datasheet
995Kb / 18P
3CH High Power WLED Driver
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
High efficiency constant current limit current WLED driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com