Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57504K0103A009 Datasheet(PDF) 3 Page - EPCOS

Part # B57504K0103A009
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57504K0103A009 Datasheet(HTML) 3 Page - EPCOS

  B57504K0103A009 Datasheet HTML 1Page - EPCOS B57504K0103A009 Datasheet HTML 2Page - EPCOS B57504K0103A009 Datasheet HTML 3Page - EPCOS B57504K0103A009 Datasheet HTML 4Page - EPCOS B57504K0103A009 Datasheet HTML 5Page - EPCOS B57504K0103A009 Datasheet HTML 6Page - EPCOS B57504K0103A009 Datasheet HTML 7Page - EPCOS B57504K0103A009 Datasheet HTML 8Page - EPCOS B57504K0103A009 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at max. operating temperature
T: 150
°C
t: 168 h
Medium: air
< 3%
No visible
damage
Storage in
coldness
Storage at lower category temperature
T:
20
°C
t: 1000 h
Medium: air
< 3%
No visible
damage
Storage in damp
heat, steady state
Temperature of air: 60
°C
Relative humidity of air: 93%
Duration: 1000 h
< 3%
No visible
damage
Rapid
temperature
cycling (in water)
Lower test temperature: 15
°C
Upper test temperature: 96
°C
Dwell time: 30 s
Time to change from lower to upper
temperature: <10 s
Number of cycles: 1000
Medium: water
< 3%
No visible
damage
Vibration
resistance
IEC
60068-2-6
Frequency range: 10 to 2000 Hz
Amplitude: 1.5 mm, 10 g
Linear sweep; X, Y and Z direction
Duration: 3
× 2 h
< 3%
No visible
damage
Natural falling
test
Drop sensor 3 times from a height of
75 cm spontaneously onto hard
surface
< 3%
No visible
damage
Boiling test
Storage at 96
°C in water for 6 h, then
natural cooling for 16 h
< 3%
No visible
damage
Temperature measurement
B57504K
Probe assemblies
K504
Page 3 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com