Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57504K0103A009 Datasheet(PDF) 5 Page - EPCOS

Part # B57504K0103A009
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57504K0103A009 Datasheet(HTML) 5 Page - EPCOS

  B57504K0103A009 Datasheet HTML 1Page - EPCOS B57504K0103A009 Datasheet HTML 2Page - EPCOS B57504K0103A009 Datasheet HTML 3Page - EPCOS B57504K0103A009 Datasheet HTML 4Page - EPCOS B57504K0103A009 Datasheet HTML 5Page - EPCOS B57504K0103A009 Datasheet HTML 6Page - EPCOS B57504K0103A009 Datasheet HTML 7Page - EPCOS B57504K0103A009 Datasheet HTML 8Page - EPCOS B57504K0103A009 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Cautions and warnings General
See "Important notes" at the end of this document.
Storage
Store thermistors only in original packaging. Do not open the package prior to storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative
humidity
≤75% annual mean, <95% maximum 30 days per annum, dew precipitation is
inadmissible.
Do not store thermistors where they are exposed to heat or direct sunlight. Otherwise, the
packing material may be deformed or components may stick together, causing problems during
mounting.
Avoid contamination of thermistor surface during storage, handling and processing.
Avoid storage of thermistors in harmful environments like corrosive gases (SOx, Cl etc).
Use the components as soon as possible after opening the factory seals, i.e. the
polyvinyl-sealed packages.
Solder thermistors within the time specified after shipment from EPCOS.
For leaded components this is 24 months, for SMDs 12 months.
Handling
NTC thermistors must not be dropped. Chip-offs or any other damage must not be caused
during handling of NTCs.
Do not touch components with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
Bending / twisting leads
A lead (wire) may be bent at a minimum distance of twice the wire’s diameter plus 4 mm from
the component head or housing. When bending ensure the wire is mechanically relieved at the
component head or housing. The bending radius should be at least 0.75 mm.
Twisting (torsion) by 180
° of a lead bent by 90° is permissible at 6 mm from the bottom of the
thermistor body.
Soldering
Use resin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Temperature measurement
B57504K
Probe assemblies
K504
Page 5 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com