Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3083 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # MOC3083
Description  Property of Lite-On Only
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MOC3083 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  MOC3083 Datasheet HTML 1Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 2Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 3Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 4Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 5Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 6Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 7Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
ABSOLUTE MAXIMUM RATING
( Ta = 25
°C )
PARAMETER
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Reverse Voltage
VR
6
V
INPUT
Power Dissipation
PD
120
mW
Off-State Output Terminal Voltage
VDRM
800
V
Peak Repetitive Surge Current
( PW=100
µs, 120pps )
ITSM
1
A
OUTPUT
Collector Power Dissipation
PC
150
mW
Total Power Dissipation
Ptot
250
mW
*1 Isolation Voltage
Viso
5,000
Vrms
Ambient Operating Temperature Range
TA
-40 ~ +100
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
*2 Soldering Temperature
TL
260
°C
*1. AC For 1 Minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1) Short between anode and cathode on the primary side and between collector,
emitter on the secondary side.
(2) The isolation voltage tester with zero-cross circuit shall be used.
(3) The waveform of applied voltage shall be a sine wave.
*2. For 10 Seconds
Part No. : MOC3083 SERIES
Page :
5of8
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com