Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3083 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # MOC3083
Description  Property of Lite-On Only
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MOC3083 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  MOC3083 Datasheet HTML 1Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 2Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 3Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 4Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 5Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 6Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 7Page - Lite-On Technology Corporation MOC3083 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
FEATURES
* Isolation voltage between input and output Viso : 5,000Vrms
* 6pin DIP zero-cross optoisolators triac driver output
* High repetitive peak off-state voltage VDRM : Min. 800V
* High critical rate of rise of off-state voltage
( dv/dt : MIN. 800V /
µs )
* Dual-in-line package :
MOC3083
* Wide lead spacing package :
MOC3083M
* Surface mounting package :
MOC3083S
* Tape and reel packaging :
MOC3083S-TA1
* UL approved ( No. E113898 )
* CUL approved ( No. E113898 )
* FIMKO approved ( No. 15469 )
* NEMKO approved ( No. P00102123 )
* DEMKO approved ( No. 309968-01 )
* SEMKO approved ( No. 0032019/01-11 )
* VDE approved (No. 094722 )
APPLICATIONS
* AC Motor Drives
* AC Motor Starters
* E.M. Contactors
* Lighting Controls
* Solenoid/Valve Controls
* Solid State Relays
* Static Power Switches
* Temperature Controls
Part No. : MOC3083 SERIES
Page :
1 of 8
BNS-OD-C131/A4


Similar Part No. - MOC3083

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3083 MOTOROLA-MOC3083 Datasheet
291Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3083 ETC-MOC3083 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Fairchild Semiconductor
MOC3083 FAIRCHILD-MOC3083 Datasheet
167Kb / 11P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Shenzhen Tenand Technol...
MOC3083 TENAND-MOC3083 Datasheet
199Kb / 8P
Property of Lite-on Only
logo
Guangdong Youtai Semico...
MOC3083 UMW-MOC3083 Datasheet
3Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3083

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com