Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7033 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
ST7033
Ver 1.1
23/39
2009/07/17
11. HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices
12. DC CHARACTERISTICS
VSS = 0 V; Ta = -30℃
℃
℃
℃ to +80℃
℃
℃
℃; unless otherwise specified.
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicable
Pin
Operating Voltage (1)
VDD1
1.65
—
3.4
V
VSS
Operating Voltage (2)
VDD2
(Relative to VSS)
2.5
—
3.4
V
VSS
High-level Input Voltage
VIHC
0.7 x VDD1
—
VDD1
V
Low-level Input Voltage
VILC
VSS
—
0.3 x VDD1 V
High-level Output Voltage
VOHC IOH=1mA
0.8 x VDD1
—
VDD1
V
Low-level Output Voltage
VOLC
IOL1mA
VSS
—
0.2 x VDD1 V
Input leakage current
ILI
–1.0
—
1.0
μA
Output leakage current
ILO
–3.0
—
3.0
μA
V0 =9.0 V
—
0.8
—
Liquid
Crystal
Driver
ON
Resistance
RON
Ta= 25°C
△V=10%
VG = 2.0 V
—
0.9
—
KΩ
SEGn
COMn
Frame frequency
FR
—
70
—
Hz
Supply Step-up output
voltage Circuit
V0
(V0 To VSS)
—
4
—
V
V0
Voltage regulator Circuit
Operating Voltage
XV0
(VG To XV0)
—
-4
—
V
XV0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com